Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAQ5282-3.3YMME Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MAQ5282-3.3YMME
Description  120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAQ5282-3.3YMME Datasheet(HTML) 3 Page - Micrel Semiconductor

  MAQ5282-3.3YMME Datasheet HTML 1Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 2Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 3Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 4Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 5Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 6Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 7Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 8Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
MAQ5282
July 2012
3
M9999-071112-A
Absolute Maximum Ratings
(1)
VIN to GND................................................... –0.3V to +125V
VCPSRR to GND..................................................–0.3 to +14V
VFB, VSNS, VOUT to GND ................................... –0.3V to +6V
Power Dissipation (PD)........................... Internally Limited
(3)
Lead Temperature (soldering, 10s).......................... +260°C
Junction Temperature .........................–40°C TJ +125°C
Storage Temperature .........................–65°C TA +150°C
ESD Ratings
(4)
HBM......................................................................... 2kV
MM.........................................................................200V
Operating Ratings
(2)
VIN ................................................................. +6V to +120V
VOUT Adjust Range ..................................... +1.27V to +5.5V
Junction Temperature ......................... –40°C TJ +125°C
Junction Thermal Resistance (
JA)
8-pin ePad MSOP..............................................64°C/W
Electrical Characteristics
(5)
VIN = 12V, CIN = 1.0µF, CPSRR = 0.1µF, COUT = 10µF, IOUT = 100µA, TA = 25C, bold values indicate –40C  TJ  +125C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range
(6)
6
120
V
Quiescent Supply Current
(7)
IOUT = 0
6
11
µA
Output Voltage
Adjustable
1.27
5.5
3.2
3.3
3.4
Fixed 3.3V
3.13
3.3
3.47
4.85
5.0
5.15
Output Voltage
Fixed 5.0V
4.75
5.0
5.25
V
-3
+3
%
Output Voltage Accuracy
Variation from nominal VOUT
-5
+5
%
Load Regulation
IOUT = 100µA to 50mA
-1.0
0.5
+1.0
%
Line Regulation
(8)
VIN = 10V to 120V
-0.5
0.04
+0.5
%/V
Feedback Input (Adjustable)
1.232
1.270
1.308
FB Voltage
1.206
1.270
1.333
V
FB Current
VFB = 1.27V
3.2
nA
Current Limit
Current Limit
VOUT = 0V
60
125
260
mA
Ripple Rejection
Power Supply Rejection Ratio
f = 20kHz to 1MHz
80
dB


Similar Part No. - MAQ5282-3.3YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5282-3.3YMME MICREL-MAQ5282-3.3YMME Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results

Similar Description - MAQ5282-3.3YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com