Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8318R2 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FOD8318R2
Description  2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8318R2 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FOD8318R2 Datasheet HTML 1Page - Fairchild Semiconductor FOD8318R2 Datasheet HTML 2Page - Fairchild Semiconductor FOD8318R2 Datasheet HTML 3Page - Fairchild Semiconductor FOD8318R2 Datasheet HTML 4Page - Fairchild Semiconductor FOD8318R2 Datasheet HTML 5Page - Fairchild Semiconductor FOD8318R2 Datasheet HTML 6Page - Fairchild Semiconductor FOD8318R2 Datasheet HTML 7Page - Fairchild Semiconductor FOD8318R2 Datasheet HTML 8Page - Fairchild Semiconductor FOD8318R2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8318 Rev. 1.1.2
2
Truth Table
*VOUT is always LOW with ‘clamp’ being active (gate voltage < 2 V above VSS).
Pin Definitions
VIN+
VIN–
UVLO
(VDD2 – VE)
DESAT
Detected?
FAULT
VOUT*
XX
Active
XX
LOW
XX
X
Yes
LOW
LOW
LOW
XXX
X
LOW
X
HIGH
X
X
X
LOW
HIGH
LOW
Not Active
No
HIGH
HIGH
Pin #
Name
Description
1VIN+
Non-inverting gate drive control input
2VIN–
Inverting gate drive control input
3VDD1
Positive input supply voltage (3 V to 5.5 V)
4
GND1
Input ground
5
RESET
Fault reset input
6FAULT
Fault output
7VLED1+
LED 1 anode (must be left unconnected)
8VLED1-
LED 1 cathode (must be connected to ground)
9VSS
Output supply voltage (negative)
10
VCLAMP
Active Miller clamp supply voltage
11
VO
Gate drive output voltage
12
VS
Source of pull-up PMOS transistor
13
VDD2
Positive output supply voltage
14
DESAT
Desaturation voltage input
15
VLED2+
LED 2 anode (must be left unconnected)
16
VE
Output supply voltage / IGBT emitter
1
2
3
4
5
6
7
8
VIN+
VIN–
VDD1
GND1
RESET
FAULT
VLED1+
VLED1-
VE
VLED2+
DESAT
VDD2
VS
VO
VCLAMP
VSS
16
15
14
13
12
11
10
9


Similar Part No. - FOD8318R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8318R2 ONSEMI-FOD8318R2 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318R2 ONSEMI-FOD8318R2 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8318R2V ONSEMI-FOD8318R2V Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318R2V ONSEMI-FOD8318R2V Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
More results

Similar Description - FOD8318R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316_V01 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com