Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

iQL24050A033V-009-R Datasheet(PDF) 2 Page - TDK Electronics

Part # iQL24050A033V-009-R
Description  72-308W Quarter Brick Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

iQL24050A033V-009-R Datasheet(HTML) 2 Page - TDK Electronics

  iQL24050A033V-009-R Datasheet HTML 1Page - TDK Electronics iQL24050A033V-009-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
142
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A7: Jan 2013
iQL Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/iql-series.htm
PIN
Function
PIN
Function
1
Vin (+)
5
Sense (-)(if applicable)
2
On / Off
6
Trim
3
Vin (-)
7
Sense (+)(if applicable)
4
Vo (-)
8
Vo (+)
Recommended Footprint (Bottom View)
Pinout
Input
Output
Adjust
Max.
Max. Output
Base
Efficiency at
Pin
Model
Voltage (V)
Voltage (V)
Range (V)
Curr. (A)
Power (W)
Plate
Full Load (%) Length (in)
iQL48060A025V-0B9-R
36 - 75
2.5
2.0 - 2.75
60
150.0
No
89.0
0.180
iQL24050A033V-009-R
18 - 36
3.3
2.64 - 3.63
50
165.0
Yes
90.5
0.180
iQL48025A033V-003-R
36 - 75
3.3
2.64 - 3.63
25
82.5
Yes
91.0
0.180
iQL48060A033V-009-R
36 - 75
3.3
2.64 - 3.63
60
198.0
Yes
91.0
0.180
iQL48060A033V-0B9-R
36 - 75
3.3
2.64 - 3.63
60
198.0
No
91.0
0.180
iQL24040A050V-009-R
18 - 36
5.0
4.0 - 5.5
40
200.0
Yes
91.0
0.180
iQL48045A050V-009-R
36 - 75
5.0
4.0 - 5.5
45
225.0
Yes
91.0
0.180
iQL48045A050V-0B9-R
36 - 75
5.0
4.0 - 5.5
45
225.0
No
91.0
0.180
iQL24024A083V-009-R
18 - 36
8.3
6.64 - 9.13
24
199.2
Yes
89.0
0.180
iQL48030A083V-009-R
36 - 75
8.3
6.64 - 9.13
30
249.0
Yes
90.5
0.180
iQL24021A120V-009-R
20 - 36
12.0
9.28 - 12.76
21
252.0
Yes
92.0
0.180
iQL48025A120V-009-R
36 - 75
12.0
9.6 - 13.2
25
300.0
Yes
93.5
0.180
iQL48025A120V-0B9-R
36 - 75
12.0
9.6 - 13.2
25
300.0
No
93.5
0.180
iQL48011A280V-009-R
36 - 75
28.0
27.4 - 28.6
11
308.0
Yes
92.5
0.180
Model Selector
M3 x .5 Threaded Hole
2 places
1.02 [0.040] DIA Pin
1.83 [0.072] DIA Stand-off
6 Places
To avoid damaging
components, do not
exceed 4.83 [0.190]
depth with M3 screw
2 places
1.57 [0.062] DIA Pin
2.59 [0.102] DIA Stand-off
2 Places
For baseplate
option
3
2
1
8
4
Preferred Model


Similar Part No. - iQL24050A033V-009-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IQL24021A120V-001-R TDK-IQL24021A120V-001-R Datasheet
242Kb / 2P
   DC-DC Converters
May 17, 2022
IQL24021A120V-009-R TDK-IQL24021A120V-009-R Datasheet
149Kb / 2P
   DC-DC Converters
IQL24040A050V-001-R TDK-IQL24040A050V-001-R Datasheet
242Kb / 2P
   DC-DC Converters
May 17, 2022
IQL24040A050V-009-R TDK-IQL24040A050V-009-R Datasheet
149Kb / 2P
   DC-DC Converters
More results

Similar Description - iQL24050A033V-009-R

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
TDK Electronics
IQESERIES TDK-IQESERIES Datasheet
527Kb / 2P
   96 - 204W Quarter Brick Converter
logo
SynQor Worldwide Headqu...
BQ50120QTA20 SYNQOR-BQ50120QTA20 Datasheet
512Kb / 12P
   Quarter-brick DC Bus Converter
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com