Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML61X592XX Datasheet(PDF) 6 Page - Minilogic Device Corporation Limited

Part # ML61X592XX
Description  Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61X592XX Datasheet(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML61X592XX Datasheet HTML 2Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 9Page - Minilogic Device Corporation Limited ML61X592XX Datasheet HTML 10Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
P6/13
Rev. H, August 2009
ML61
Functional Description (Refers to CMOS Output)
1. Firstly, when a voltage, higher than the
Release Voltage (VDR) , is applied to the
Voltage Input pin (VIN), that voltage will
gradually fall. When a voltage higher than
the Detect Voltage (VDF) is applied to the
Input Voltage pin (VIN), output at VOUT
will be equal to the input at the VIN pin.
High impedance exists on the Output pin
(VOUT) with the N-channel open drain
configuration. If the pin is pulled-up. VOUT
will be identical to the pull-up voltage.
2. When the input Voltage (VIN) falls below
the Detect Voltage (VDF) level, the Output
Voltage (VOUT) is equal to the Ground
Voltage (VSS) level (detect state). Also
applicable to N-channel open drain
configuration.
3. When the Input Voltage (VIN) falls below
the Minimum Operating Voltage (VMIN)
level, output becomes unstable. In the case
of N-channel open drain configuration, as
the output pin is generally pulled-up, the
output will be equal to the pull-up
voltage.
4. When the Input Voltage (VIN) rises, output
become stable once the voltage has
exceeded VMIN. The Output Voltage (VOUT)
will remain equal to the Ground Voltage
(VSS) level until the Input Voltage (VIN)
reaches the Detect Release Voltage (VDR)
level.
5. When the Input Voltage (VIN) rises above
the Detect Release Voltage (VDR) level,
output at the Output pin (VOUT) is equal to
VIN. (High impedance exists with the
N-channel open drain output
configuration and VOUT follows the
pull-up voltage.)
Notes :
1. The difference between VDR and VDF
represents the Hysteresis Range.
2. The Propagation Delay Time (tDLY)
represents the time it takes for the Input
Voltage (VIN) to appear at the Output pin
(VOUT), once the said voltage has exceeded
the Release Voltage (VDR) level.
Timing Diagram


Similar Part No. - ML61X592XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML61X592XX MINILOGIC-ML61X592XX Datasheet
892Kb / 14P
   Series Positive Voltage Detector
More results

Similar Description - ML61X592XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62 MINILOGIC-ML62 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
logo
Raltron Electronics Cor...
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
   54mW typical power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com