Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML61X113XX Datasheet(PDF) 7 Page - Minilogic Device Corporation Limited

Part # ML61X113XX
Description  Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61X113XX Datasheet(HTML) 7 Page - Minilogic Device Corporation Limited

Back Button ML61X113XX Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61X113XX Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61X113XX Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61X113XX Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61X113XX Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61X113XX Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61X113XX Datasheet HTML 9Page - Minilogic Device Corporation Limited ML61X113XX Datasheet HTML 10Page - Minilogic Device Corporation Limited ML61X113XX Datasheet HTML 11Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
P7/13
Rev. H, August 2009
ML61
1) Supply Current vs. Input Voltage
ML61C272
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
7
8
9
10
Input Voltage VIN(V)
Topr =80 C
Topr =25 C
Topr =-40 C
ML61C182
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
7
8
9
10
Input Voltage VIN(V)
Topr =80 C
Topr =25 C
Topr =-40 C
2) Detect, Release Voltage vs. Ambient Temperature
ML61C272
2.68
2.7
2.72
2.74
2.76
2.78
2.8
2.82
2.84
2.86
2.88
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (℃
℃)
VDF
VDR
ML61C182
1.78
1.8
1.82
1.84
1.86
1.88
1.9
1.92
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (℃
℃)
VDF
VDR
3) Output Voltage vs. Input Voltage
ML61C272
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
Input Voltage VIN(V)
Topt = 25
ML61C182
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
Input Voltage VIN(V)
Topt = 25
Typical Performance Characteristics


Similar Part No. - ML61X113XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML61X113XX MINILOGIC-ML61X113XX Datasheet
892Kb / 14P
   Series Positive Voltage Detector
More results

Similar Description - ML61X113XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62 MINILOGIC-ML62 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
logo
Raltron Electronics Cor...
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
   54mW typical power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com