Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE300027-1 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE300027-1
Description  CABLE ASSEMBLY SC TO LC SIMPLEX MULTIMODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE300027-1 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE300027-1 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE300027-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300027-2 PASTERNACK-PE300027-2 Datasheet
238Kb / 1P
   CABLE ASSEMBLY SC TO LC SIMPLEX MULTI MODE
PE300027-3 PASTERNACK-PE300027-3 Datasheet
238Kb / 1P
   CABLE ASSEMBLY SC TO LC SIMPLEX MULTI MODE
More results

Similar Description - PE300027-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300005-5 PASTERNACK-PE300005-5 Datasheet
238Kb / 1P
   CABLE ASSEMBLY ST TO SC SIMPLEX MULTIMODE
PE300033 PASTERNACK-PE300033 Datasheet
245Kb / 1P
   CABLE ASSEMBLY SC TO LC DUPLEX MULTIMODE
PE300026-3 PASTERNACK-PE300026-3 Datasheet
241Kb / 1P
   CABLE ASSEMBLY SC TO LC SIMPLEX SINGLE MODE
PE300026 PASTERNACK-PE300026 Datasheet
241Kb / 1P
   CABLE ASSEMBLY SC TO LC SIMPLEX SINGLE MODE
PE300027-3 PASTERNACK-PE300027-3 Datasheet
238Kb / 1P
   CABLE ASSEMBLY SC TO LC SIMPLEX MULTI MODE
PE300027-2 PASTERNACK-PE300027-2 Datasheet
238Kb / 1P
   CABLE ASSEMBLY SC TO LC SIMPLEX MULTI MODE
logo
Molex Electronics Ltd.
88526-3900 MOLEX11-88526-3900 Datasheet
31Kb / 1P
   LC-to-SC, Multimode, 50/125m, Simplex, 2.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88526-3902 MOLEX11-88526-3902 Datasheet
31Kb / 1P
   LC-to-SC, Multimode, 50/125m, Simplex, 2.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88526-3903 MOLEX11-88526-3903 Datasheet
31Kb / 1P
   LC-to-SC, Multimode, 50/125m, Simplex, 2.00mm, Standard Fiber Optic Cable Assembly, 5.0m
88526-3901 MOLEX11-88526-3901 Datasheet
31Kb / 1P
   LC-to-SC, Multimode, 50/125m, Simplex, 2.00mm, Standard Fiber Optic Cable Assembly, 1.0m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com