Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE8240 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8240
Description  DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8240 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8240 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8240 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8240 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8240
URL: http://www.pasternack.com/75-ohm-f-inner-dc-block-0.1-2-ghz-pe8240-p.aspx
DC Block on Inner Conductor 75 Ohm F Male to F
Female Operating From 10 MHz to 2 GHz
PE8240
PE8240 REV


Similar Part No. - PE8240

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8241 PASTERNACK-PE8241 Datasheet
230Kb / 3P
   75 Ohm F DC Block Operating From 10 MHz to 2 GHz
PE8242 PASTERNACK-PE8242 Datasheet
181Kb / 3P
   DC Block on Inner and Outer Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8245 PASTERNACK-PE8245 Datasheet
214Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results

Similar Description - PE8240

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8242 PASTERNACK-PE8242 Datasheet
181Kb / 3P
   DC Block on Inner and Outer Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8241 PASTERNACK-PE8241 Datasheet
230Kb / 3P
   75 Ohm F DC Block Operating From 10 MHz to 2 GHz
PE8216 PASTERNACK-PE8216 Datasheet
193Kb / 3P
   DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
   DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8222 PASTERNACK-PE8222 Datasheet
181Kb / 3P
   DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz
PE8236 PASTERNACK-PE8236 Datasheet
206Kb / 3P
   DC Block on Inner and Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
PE8218 PASTERNACK-PE8218 Datasheet
192Kb / 3P
   DC Block on Inner and Outer Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8227 PASTERNACK-PE8227 Datasheet
179Kb / 3P
   DC Block on Inner and Outer Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8250 PASTERNACK-PE8250 Datasheet
216Kb / 1P
   HIgh Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm Sma Female Operating From 10 MHz to 18 GHz
PE8235 PASTERNACK-PE8235 Datasheet
232Kb / 3P
   DC Block on Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com