Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1001-6 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1001-6
Description  Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.076 Body Diameter And 0.041 Pin Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1001-6 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1001-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1001-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2013 Pasternack Enterprises All Rights Reserved
PE1001-6 CAD Drawing
Hermetic Seal Solder Contact With 0.012 Pin Diameter,
0.076 Body Diameter And 0.041 Pin Length
PE1001-6 REV


Similar Part No. - PE1001-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1001-1 PASTERNACK-PE1001-1 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.1 Body Diameter And 0.18 Pin Length
PE1001-2 PASTERNACK-PE1001-2 Datasheet
203Kb / 2P
   HERMETIC Seal Solder Contact with 0.015 Pin Diameter
PE1001-3 PASTERNACK-PE1001-3 Datasheet
203Kb / 2P
   Hermetic Seal Solder Contact With 0.018 Pin Diameter 0.112 Body Diameter And 0.18 Pin Length
PE1001-4 PASTERNACK-PE1001-4 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.02 Pin Diameter, 0.158 Body Diameter And 0.07 Pin Length
PE1001-5 PASTERNACK-PE1001-5 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.02 Pin Diameter 0.158 Body Diameter And 0.229 Pin Length
More results

Similar Description - PE1001-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1013-6 PASTERNACK-PE1013-6 Datasheet
328Kb / 2P
   Hermetic Seal Solder Contact With 0.012 Diameter Full Radius Pin, 0.076 Body Diameter And 0.041 Pin Length
PE1001-1 PASTERNACK-PE1001-1 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.1 Body Diameter And 0.18 Pin Length
PE1001-3 PASTERNACK-PE1001-3 Datasheet
203Kb / 2P
   Hermetic Seal Solder Contact With 0.018 Pin Diameter 0.112 Body Diameter And 0.18 Pin Length
PE1001-4 PASTERNACK-PE1001-4 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.02 Pin Diameter, 0.158 Body Diameter And 0.07 Pin Length
PE1001-5 PASTERNACK-PE1001-5 Datasheet
202Kb / 2P
   Hermetic Seal Solder Contact With 0.02 Pin Diameter 0.158 Body Diameter And 0.229 Pin Length
PE1013-7 PASTERNACK-PE1013-7 Datasheet
324Kb / 2P
   Hermetic Seal Solder Contact With 0.009 Diameter Full Radius Pin, 0.068 Body Diameter And 0.031 Pin Length
PE1013-3 PASTERNACK-PE1013-3 Datasheet
323Kb / 2P
   Hermetic Seal Solder Contact With 0.018 Diameter Full Radius Pin, 0.112 Body Diameter And 0.18 Pin Length
PE1013-2 PASTERNACK-PE1013-2 Datasheet
324Kb / 2P
   Hermetic Seal Solder Contact With 0.015 Diameter Full Radius Pin, 0.1 Body Diameter And 0.18 Pin Length
PE1001-7 PASTERNACK-PE1001-7 Datasheet
209Kb / 2P
   Hermetic Seal Solder Contact With 0.009 Pin Diameter 0.068 Body Diameter And 0.031 Pin Lengthq
PE1001-2 PASTERNACK-PE1001-2 Datasheet
203Kb / 2P
   HERMETIC Seal Solder Contact with 0.015 Pin Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com