Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9614 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9614
Description  75 Ohm N Male to Mini SMB Jack Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9614 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9614 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9614 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Male to Mini SMB Jack Adapter
Configuration
Connector 1
N Male
Impedance 1
75 Ohms
Connector 2
Mini SMB Jack
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.3 [33.02]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
Mini SMB Jack
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-mini-smb-jack-straight-adapter-pe9614-p.aspx
75 Ohm N Male to Mini SMB Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
75 Ohm N Male to Mini SMB Jack Adapter
PE9614
PE9614 REV


Similar Part No. - PE9614

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
   MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9611 PASTERNACK-PE9611 Datasheet
260Kb / 3P
   Bulkhead 75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9612 PASTERNACK-PE9612 Datasheet
253Kb / 2P
   75 Ohm N Male to Mini SMB Plug Adapter
PE9613 PASTERNACK-PE9613 Datasheet
238Kb / 2P
   75 Ohm N Female to Mini SMB Plug Adapter
PE9615 PASTERNACK-PE9615 Datasheet
254Kb / 2P
   75 Ohm N Female to Mini SMB Jack Adapter
More results

Similar Description - PE9614

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9608 PASTERNACK-PE9608 Datasheet
254Kb / 2P
   75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9582 PASTERNACK-PE9582 Datasheet
252Kb / 2P
   75 Ohm N Male to SMB Jack Adapter
PE9618 PASTERNACK-PE9618 Datasheet
255Kb / 2P
   75 Ohm Mini SMB Jack to BNC Male Adapter
PE9611 PASTERNACK-PE9611 Datasheet
260Kb / 3P
   Bulkhead 75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9615 PASTERNACK-PE9615 Datasheet
254Kb / 2P
   75 Ohm N Female to Mini SMB Jack Adapter
PE9612 PASTERNACK-PE9612 Datasheet
253Kb / 2P
   75 Ohm N Male to Mini SMB Plug Adapter
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
   75 Ohm SMB Jack to SMB Jack Adapter
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
   MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9619 PASTERNACK-PE9619 Datasheet
251Kb / 2P
   75 Ohm Mini SMB Jack to BNC Female Adapter
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
   75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com