Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCM8531QY Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # FCM8531QY
Description  MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FCM8531QY Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button FCM8531QY Datasheet HTML 6Page - Omron Electronics LLC FCM8531QY Datasheet HTML 7Page - Omron Electronics LLC FCM8531QY Datasheet HTML 8Page - Omron Electronics LLC FCM8531QY Datasheet HTML 9Page - Omron Electronics LLC FCM8531QY Datasheet HTML 10Page - Omron Electronics LLC FCM8531QY Datasheet HTML 11Page - Omron Electronics LLC FCM8531QY Datasheet HTML 12Page - Omron Electronics LLC FCM8531QY Datasheet HTML 13Page - Omron Electronics LLC FCM8531QY Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FCM8531 • Rev. 1.0.1
10
Timing Diagrams
Figure 5.
SPI Timing Diagram– Slave Mode
Figure 6.
SPI Timing Diagram – Master Mode
Figure 7.
I
2C interface Timing Diagram


Similar Part No. - FCM8531QY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCM8531 FAIRCHILD-FCM8531 Datasheet
1Mb / 20P
   MCU Embedded and Configurable
More results

Similar Description - FCM8531QY

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2505 PTC-PT2505 Datasheet
243Kb / 5P
   3-Phase Sinusoidal BLDC Motor Controller
logo
Fairchild Semiconductor
FCM8531 FAIRCHILD-FCM8531 Datasheet
1Mb / 20P
   MCU Embedded and Configurable
logo
Princeton Technology Co...
PT2501 PTC-PT2501 Datasheet
247Kb / 4P
   3-Phase Sinusoidal BLDC Motor Controller
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
TRINAMIC Motion Control...
TMC6100-EVAL TRINAMIC-TMC6100-EVAL Datasheet
1Mb / 6P
   3-phase BLDC/PMSM motor with up to 10A coil current
logo
STMicroelectronics
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
1Mb / 48P
   High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
logo
Princeton Technology Co...
PT2502 PTC-PT2502 Datasheet
1Mb / 24P
   3-Phase Sensor-less BLDC Motor Controller
logo
Kinetic Technologies.
KTX9302 KINETIC-KTX9302 Datasheet
211Kb / 4P
   3-phase BLDC Motor Controller for 3-wire
June 2022 - Revision 03a
logo
STMicroelectronics
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
943Kb / 41P
   Advanced BLDC controller with embedded STM32 MCU
September 2017 Rev 2.0
STSPIN32F0251 STMICROELECTRONICS-STSPIN32F0251 Datasheet
1Mb / 32P
   Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com