Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63600-0520 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 63600-0520
Description  Hand Crimp Tool Specification Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

63600-0520 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  63600-0520 Datasheet HTML 1Page - Molex Electronics Ltd. 63600-0520 Datasheet HTML 2Page - Molex Electronics Ltd. 63600-0520 Datasheet HTML 3Page - Molex Electronics Ltd. 63600-0520 Datasheet HTML 4Page - Molex Electronics Ltd. 63600-0520 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Hand Crimp Tool for 1.50mm (.591") Pitch, MX150 Crimp Terminals
Doc No: ATS-638116000
Release Date: 03-21-06
UNCONTROLLED COPY
Page 3 of 5
Revision: E
Revision Date: 10-01-09
OPERATION
Open the tool by squeezing the handles together, at the end of the
closing stroke, the ratchet mechanism will release the handles, and
the hand tool will spring open.
Crimping Terminals
1. Lift the wire stop blade up.
2. Insert the terminal fully into the correct die profile and the locator
slot until the terminal is fully seated and stops.
3. Push down the wire stop blade. Make sure the wire stop blade is
fully seated on the terminal behind the conductor grip section.
4. Slide the pre-stripped wire into the terminal; make sure to aim the wire end towards the tip point on the wire
stop blade. See Figure 1. Align the wire so that it is parallel to, and sitting into the terminal. Maintain a light
and constant pressure on the wire that is seated in the terminal at all times. (Do not let go of the wire.) Be sure
to hold the wire and terminal in place until the terminal is fully crimped. See Figure 2.
CAUTION: Pushing the wire against the Wire Stop Blade with too much force can cause wire strands to
bend up and above the top of the conductor crimp. If this occurs, depress strands below the top of the
conductor crimp to prevent matte seal damage.
5. Close the tool until the ratchet releases.
6. Carefully remove the crimped terminal.
Note: To maintain good brush control and a consistent bell mouth the crimping instructions must be
followed.
Maintenance
It is recommended that each operator of the tool be
made aware of, and responsible for, the following
maintenance steps:
1. Remove dust, moisture, and other contaminants
with a clean brush, or soft, lint free cloth.
2. Do not use any abrasive materials that could
damage the tool.
3. Make certain all pins; pivot points and bearing
surfaces are protected with a thin coat of high
quality machine oil. Do not oil excessively.
4. When tool is not in use, keep the handles closed
to prevent objects from becoming lodged in the
crimping dies, and store the tool in a clean, dry
area.
TERMINAL
PRE-STRIPPED
WIRE
LOCATOR
Figure 1
WIRE STOP
BLADE
CONDUCTOR
PUNCH
WIRE
LOCATOR
TERMINAL
INSULATION
PUNCH
INSULATION
ANVIL
CONDUCTOR
ANVIL
WIRE STOP
BLADE
Figure 2
RETAINER
SPACER


Similar Part No. - 63600-0520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63600-0520 MOLEX2-63600-0520 Datasheet
328Kb / 5P
   Application Tooling Specification Sheet
63600-0520 MOLEX2-63600-0520 Datasheet
327Kb / 5P
   Application Tooling Specification Sheet
63600-0520 MOLEX8-63600-0520 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
63600-0520 MOLEX8-63600-0520 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
63600-0520 MOLEX11-63600-0520 Datasheet
683Kb / 7P
   A full cycle ratcheting hand tool ensures complete crimps
More results

Similar Description - 63600-0520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
0638117576 MOLEX11-0638117576 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
0638119300 MOLEX11-0638119300 Datasheet
259Kb / 6P
   HAND CRIMP TOOL Specification Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com