Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL98604 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL98604
Description  6-Channel Integrated LCD Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL98604 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL98604 Datasheet HTML 5Page - Intersil Corporation ISL98604 Datasheet HTML 6Page - Intersil Corporation ISL98604 Datasheet HTML 7Page - Intersil Corporation ISL98604 Datasheet HTML 8Page - Intersil Corporation ISL98604 Datasheet HTML 9Page - Intersil Corporation ISL98604 Datasheet HTML 10Page - Intersil Corporation ISL98604 Datasheet HTML 11Page - Intersil Corporation ISL98604 Datasheet HTML 12Page - Intersil Corporation ISL98604 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL98604
9
FN7687.0
December 17, 2012
ICORE
Output Current
0.5
A
ISWPL_VCORE
Switch Peak Current Limit
Current limit
1
A
EFFVCORE
Peak Efficiency
See graphs and “Applications Information”
on page 15 for component
recommendations
86
%
rDS(ON)_U_VCORE Upper Switch ON-Resistance
TA = +25°C , ISW = 500mA
0.18
Ω
rDS(ON)_L_VCORE Lower Switch ON-Resistance
TA = +25°C , ISW = 500mA
0.18
Ω
DVVCORE/DVIN
Line Regulation of VCORE Buck
9.5V < PVIN < 13.5V, ILOAD = 200mA
0.1
%
DVVCORE/DIOUT Load Regulation of VCORE Buck
200mA < ILOAD < 500mA
0.3
%
IFB_VCORE
Feedback Input Current
VVCORE = 1.8V
5
µA
ISWLK_VCORE
Switch leakage current
3
10
µA
DMAX_VCORE
Maximum Duty Cycle
FOSC = 3MHz
85
90
%
DMIN_VCORE
Minimum Duty Cycle
FOSC = 3MHz
8
%
FOSC_VCORE
Oscillator Frequency
Internal OSC
1.32
1.50
1.68
MHz
VON LDO
VVON
Output Voltage Range
Low temperature
19
28
34
V
High temperature
17
26
32
V
ACCVON
Output Voltage Accuracy
VON = 28V
-2.1
2.1
%
DVON/DIOUT
Load Regulation
IDRVP = 60µA to 120µA with MMBT3906
PNP, related resistors are shown in the
application circuit
0.64
%
DVON/DVIN
Line Regulation
IDRVP = 100µA, VIN = 9.5V to 14V
0.5
%
IDRVP
Positive Source Current (Max)
VFBP = 1.15V, VDRVN = 10V
3
6mA
ILEAK_DRVP
DRVP Off Leakage Current
VFBP = 1.40V, VDRVN = 30V
0.1
10
µA
VTCOMP_TH(NOTE
2)
Threshold Voltage in Temp. Compensation
1.265
V
VTCOMP_HYST
Hysteresis Voltage in Temp. Compensation
VREF = 1.265V
20
mV
VOFF LDO
VVOFF
Output Voltage Range
-8.1
-5
-1.8
V
ACCVOFF
Output Voltage Accuracy
VOFF = -5V
-3.75
3.75
%
IFBN
LDO Input Bias Current
VFBN = -5V
11
µA
DVOFF/DIOUT
Load Regulation
IDRVN = 60µA to 120µA with MMBT3904
NPN, related resistors are shown in the
application circuit, IOUT = 200mA
2.7
%
IDRVN
Negative Source Current
VFBN = 0.6V, VDRVN = -10V
3
5mA
ILEAK_DRVN
DRVN Off Leakage Current
VFBN = 0.5V, VDRVN = -6V
0.1
10
µA
LOGIC INPUTS
VHI
Logic “HIGH”
SCL, SDA, A0
1.85
V
EN
1.6
V
VLO
Logic “LOW”
SCL, SDA, A0
0.85
V
EN
0.675
V
Electrical Specifications VIN = 12V, EN = VDC, AVDD = 16V, VON = 28V, VOFF = -5V, HAVDD = 8.0V, VIO = 3.3V, VCORE = 1.0V. Boldface
limits apply over the operating temperature range, TA = -40°C to +85°C, unless otherwise noted. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7) UNITS


Similar Part No. - ISL98604

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
ISL98604IRTZ RENESAS-ISL98604IRTZ Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
ISL98604IRTZ-EVZ RENESAS-ISL98604IRTZ-EVZ Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
More results

Similar Description - ISL98604

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
ISL97653A RENESAS-ISL97653A Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com