Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0638250775 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0638250775
Description  Application Tooling Specification Sheet
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638250775 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0638250775 Datasheet HTML 1Page - Molex Electronics Ltd. 0638250775 Datasheet HTML 2Page - Molex Electronics Ltd. 0638250775 Datasheet HTML 3Page - Molex Electronics Ltd. 0638250775 Datasheet HTML 4Page - Molex Electronics Ltd. 0638250775 Datasheet HTML 5Page - Molex Electronics Ltd. 0638250775 Datasheet HTML 6Page - Molex Electronics Ltd. 0638250775 Datasheet HTML 7Page - Molex Electronics Ltd. 0638250775 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Tool Kit for Quick Disconnect (HRT) Female Terminal
Doc No: ATS-6382507HM
Release Date: 04-04-11
UNCONTROLLED COPY
Page 6 of 8
Revision: A
Revision Date: 04-04-11
% This tool is qualified to pull force only. To re-certify, crimp a terminal to a wire, which has been stripped
12.7mm (1/2”) long, so there is no crimping of the insulation. Pull the terminal and wire at a rate no faster than
25mm (1.00”) per minute. See the Molex web site for the Quality Crimp Handbook for more information on pull
testing.
% When the hand tool is no longer capable of achieving minimum pull force, it should be taken out of service and
replaced.
% This tool is very difficult to disassemble and reassemble. Customer repair is not recommended.
The chart below shows all applications for this Tool Kit.
Tool Kit
Order No.
Tool
Order no.
Tool
Description
Power Head
Order No.
Adapter
Description
Figure
No.
63825-0770
63810-1050
Hand Crimp Frame (Short)
N/A
N/A
9
63810-1000
Hand Crimp Frame (Long)
N/A
N/A
9
63816-0200 Battery Power Tool (110 V)
63816-0300
Power Crimp Head
10
63816-0250 Battery Power Tool (220 V)
63816-0300
Power Crimp Head
10
Applications for the Tool Kit
Hand Crimp Tool
Battery Powered Tool
Figure 9
Figure 10
WARNING: NEVER operate service, install tool kits, or adjust the Power Crimp Head without proper
instruction and without first reading and understanding the instructions in the proper Manual or
Specification Sheet. See Chart above for the correct Manual or Specification Sheet.
WARNING: NEVER install tooling or service this tool while it is into any power source. Make sure the
power is turned off.
CAUTION: Keep fingers away from the crimping area when operating this tool. It may cause severe injury.
CAUTION: Wear safety glasses when operating or serving this tool.
POWER
CRIMP
HEAD
LOCKING PINS
BATTERY
POWERED
TOOL
TOOLING KIT
HAND CRIMP
FRAME LONG
AND SHORT
TOOLING KIT


Similar Part No. - 0638250775

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638250700 MOLEX-0638250700 Datasheet
31Kb / 1P
   Hand Tool
08/26/2022
More results

Similar Description - 0638250775

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638232500 MOLEX11-0638232500 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235575 MOLEX11-0638235575 Datasheet
656Kb / 9P
   Application Tooling Specification Sheet
0638238075 MOLEX11-0638238075 Datasheet
467Kb / 6P
   Application Tooling Specification Sheet
0638239875 MOLEX11-0638239875 Datasheet
583Kb / 7P
   Application Tooling Specification Sheet
0638132400 MOLEX11-0638132400 Datasheet
285Kb / 2P
   Application Tooling Specification Sheet
0638232770 MOLEX11-0638232770 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235175 MOLEX11-0638235175 Datasheet
548Kb / 7P
   Application Tooling Specification Sheet
0638238375 MOLEX11-0638238375 Datasheet
363Kb / 6P
   Application Tooling Specification Sheet
0638239975 MOLEX11-0638239975 Datasheet
702Kb / 7P
   Application Tooling Specification Sheet
0638240100 MOLEX11-0638240100 Datasheet
411Kb / 2P
   Application Tooling Specification Sheet
0638113770 MOLEX11-0638113770 Datasheet
189Kb / 4P
   Application Tooling Specification Sheet
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com