Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0638110070 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0638110070
Description  Application Tooling Specification Sheet
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638110070 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0638110070 Datasheet HTML 1Page - Molex Electronics Ltd. 0638110070 Datasheet HTML 2Page - Molex Electronics Ltd. 0638110070 Datasheet HTML 3Page - Molex Electronics Ltd. 0638110070 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.25mm (.049") Pitch Wire–To-Board Crimp Receptacle Terminal
Doc No: ATS-638110000
Release Date: 01-25-95
UNCONTROLLED COPY
Page 1 of 4
Revision: F
Revision Date: 02-20-12
INSULATION
CRIMP
BRUSH
STRIP
LENGTH
BELL MOUTH
CRIMP HEIGHT
BEND
DOWN
BEND UP
ROLLING
CONDUCTOR
CRIMP
TWISTING
HAND CRIMP
TOOL
Application Tooling
Specification Sheet
Order No. 63811-0000
FEATURES
%
This tool is designed to be used with reeled product due to the small size of the connector
%
This tool is designed for prototype work only and is not designed for production
%
The reeled product must be cut into 1-inch strips to be processed in this hand tool
SCOPE
Products: 1.25mm (.049") Pitch Wire–To-Board Crimp Receptacle Terminal, 26-32 AWG.
Terminal
Series No.
Terminal Order No.
Wire Size
Insulation Diameter
Strip Length
Reel Only
AWG
mm²
mm
In.
mm
In.
50058
50058-8000 50058-8300
28-32 0.08-0.03 0.67-1.00 .027-.039 1.40-1.90 .055-.075
50058-8099 50058-8500
50079
50079-8000
39-00-0413
26-28 0.12-0.08 0.67-1.00 .027-.039 1.40-1.90 .055-.075
50079-8053
39-00-0414
50079-8099
Requires Optional Tool Kit. See Page 4.
DEFINITION OF TERMS
The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the
scope.
TYPE 7


Similar Part No. - 0638110070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638110000 MOLEX11-0638110000 Datasheet
32Kb / 1P
   Hand Crimp Tool Terminals on Metal Strip
More results

Similar Description - 0638110070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638232500 MOLEX11-0638232500 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235575 MOLEX11-0638235575 Datasheet
656Kb / 9P
   Application Tooling Specification Sheet
0638238075 MOLEX11-0638238075 Datasheet
467Kb / 6P
   Application Tooling Specification Sheet
0638239875 MOLEX11-0638239875 Datasheet
583Kb / 7P
   Application Tooling Specification Sheet
0638132400 MOLEX11-0638132400 Datasheet
285Kb / 2P
   Application Tooling Specification Sheet
0638232770 MOLEX11-0638232770 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235175 MOLEX11-0638235175 Datasheet
548Kb / 7P
   Application Tooling Specification Sheet
0638238375 MOLEX11-0638238375 Datasheet
363Kb / 6P
   Application Tooling Specification Sheet
0638239975 MOLEX11-0638239975 Datasheet
702Kb / 7P
   Application Tooling Specification Sheet
0638240100 MOLEX11-0638240100 Datasheet
411Kb / 2P
   Application Tooling Specification Sheet
0638113770 MOLEX11-0638113770 Datasheet
189Kb / 4P
   Application Tooling Specification Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com