Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVS-540-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AVS-540-00A1E
Description  4U Rackmount Xeon E5-2600 Video Wall Controller, Supporting 5 Matrox Mura MPX-4/4 & 1 Mura MPX-V16
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AVS-540-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AVS-540-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. AVS-540-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AVS (Advantech Video Wall controller)
Features
AVS-540
Specifications
Processor System
Chipset
Intel C602J Chipset
CPU
Intel LGA2011 Xeon E5-2600 Single processor (up to 95W TDP)
L2 Cache
5/10/15/20 MB
Memory
ECC & Register or ECC or non ECC DDR3 1600/1333/1066 MHz UDIMMs, maximum 96 GB
Graphics
Controller
Aspeed AST2300 (Needs being disabled when Mura MPX is installed)
VRAM
64 MB
Expansion Slot
Slot location 1
PCI
Slot location 2
PCIe x16 slot (Gen3 x8 link), for Mura MPX-4/4 installation
Slot location 3
PCIe x16 slot (Gen3 x8 link), for Mura MPX-4/4 installation
Slot location 4
PCIe x16 slot (Gen3 x8 or x16 link), for Mura MPX-4/4 installation
Slot location 5
PCIe x16 slot (Gen3 x8 link), for Mura MPX-4/4 installation
Slot location 6
PCIe x16 slot (Gen3 x8 or x16 link), for Mura MPX-4/4 installation
Slot location 7
PCIe x8 slot (Gen2 x4 link), for Mura MPX-V16 installation
Drive Bay
5.25" Front-Accessible
3
3.5" (Front Accessible)
1
3.5" Internal
-
Ethernet
Interface
Dual 10/100/1000 Mbps Gigabit Ethernet
Controller
Intel 82579LM + Intel I210
Front I/O Interface
USB
2 x USB2.0
PS/2
1
Rear I/O Interface
USB
4 x USB2.0, 2 x USB 3.0
PS/2
2
COM
1
Disaplay
1 x VGA
RJ-45
3 (1 is dedicated for IPMI)
Watchdog Timer
Output
Interrup, system reset
Interval
Programmable, 1~255 sec
Power Supply
Power Output Wattage
80+ Bronze 700W Single Power Supply
Input Range
AC 100 ~ 240 V
Cooling
Chassis Fan
2 (12 cm / 114 CFM each)
Air Filter
Yes
Miscellaneous
LED Indicators
Power status, HDD activity, Temperature, Fan, and Power voltage status
Remote Management
Advantech Remote Monitoring Utility
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32~104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C
10 ~ 95% @ 40° C
Vibration (5 ~ 500 Hz)
1 Grms
2 Grms
Shock
10G (with 11ms duration, half since wave)
30G
Physical Characteristics
Dimension
482 x 177 x 479 mm (19" x 7" x 18.9")
4U Rackmount Xeon E5-2600 Video Wall Controller,
Supporting 5 Matrox Mura MPX-4/4 & 1 Mura MPX-V16
ƒ Validated by Matrox
ƒ Support Mura Cards: 5 Mura MPX-4/4 and 1 Mura MPX-V16
ƒ Maximum Video Input: 20 Analog/Digital + 16 Analog
ƒ Maximum Video Output: 20 Analog / Digital
ƒ Processor: Intel Xeon E5-2600 series up to 8 cores/ 16 threads
ƒ Memory : DDR3-1333/1600 MHz (ECC) U-DIMM and R-DIMM up to 96 GB
ƒ Remote Management: IPMI, Advantech Remote Monitoring Utility
RoHS
COMPLIANT
2002/95/EC
Powered by
Mura MPX
All product specifications are subject to change without notice
Last updated : 26-Mar-2013


Similar Part No. - AVS-540-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AVS-540-00A1E ADVANTECH-AVS-540-00A1E Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
More results

Similar Description - AVS-540-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AVS-240 ADVANTECH-AVS-240 Datasheet
1Mb / 2P
   4U Rackmount Xeon E5-2400 Video Wall Controller, Supporting 21 Matrox Mura MPX
AVS-290 ADVANTECH-AVS-290 Datasheet
2Mb / 2P
   Desktop/Wallmount Xeon E3-1200 Video Wall Controller Supporting Dual Matrox Mura MPX
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
AVS-240 ADVANTECH-AVS-240_15 Datasheet
637Kb / 2P
   4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
AVS-543-01A1E ADVANTECH-AVS-543-01A1E Datasheet
904Kb / 2P
   4U Intel짰 Xeon짰 E5-2600 Video Wall Controller, Supporting 20-output / 20-input Video Wall
AVS-542-00A1E ADVANTECH-AVS-542-00A1E Datasheet
1Mb / 2P
   4U Intel짰 Xeon짰 E5-2600 Video Wall Controller Supporting 20 output / 15-40 input Video Wall
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
AGS-920I-R14A1E ADVANTECH-AGS-920I-R14A1E Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon E5-2600 / 2600 v2 GPU server, Supporting 4 x PCIe x16 double-deck card 1 x PCIe x8 FH/HL card
AVS-541-01A1E ADVANTECH-AVS-541-01A1E Datasheet
967Kb / 2P
   4U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller,Supporting 20-output Video Wall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com