Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622023030 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0622023030
Description  GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622023030 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0622023030 Datasheet HTML 1Page - Molex Electronics Ltd. 0622023030 Datasheet HTML 2Page - Molex Electronics Ltd. 0622023030 Datasheet HTML 3Page - Molex Electronics Ltd. 0622023030 Datasheet HTML 4Page - Molex Electronics Ltd. 0622023030 Datasheet HTML 5Page - Molex Electronics Ltd. 0622023030 Datasheet HTML 6Page - Molex Electronics Ltd. 0622023030 Datasheet HTML 7Page - Molex Electronics Ltd. 0622023030 Datasheet HTML 8Page - Molex Electronics Ltd. 0622023030 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
GbX® Backplane and Daughtercard Tooling
*GbX
®
®
®
® is a Trademark of Amphenol Corp.
Doc. No: TM-622022099
Release Date: 06-23-04
UNCONTROLLED COPY
Page 5 of 28
Revision: H
Revision Date: 01-28-11
Figure 1-1
62202-3800 8-TON PRESS
General Description
1.1 Description
This manual covers the tooling available to press
Molex GbX® Back plane Power Modules, Back
plane Connectors, and Daughtercard Modules into
printed circuit boards. Repair tools and custom tools
are also covered. The tooling is designed to go into
a flat platen press. Operation is simple: Position a
printed circuit board on the customer supplied
support. Then manually insert a connector(s) into
the pc board. Position the loading head into the
connector. Actuate the press to press the connector
pins into the board.
1.2 Features
The press-in tooling is designed so that one
module will press in one connector, or several
modules can be mounted in a tool holder and be
used to press in any combination of connectors in
one operation. See Section 4-2 (Ordering
Instructions) for details.
1.3 Technical Specifications
Dimensions and Weight
The dimensions and weight depend on the tooling
used and the size of the pc board support.
Rate
90 connectors pressed in (one at a time) per hour
depending on operator skill.
1.4 Delivery Check
Carefully remove the tooling from its shipping
container and check to be sure what was received
matches the purchase order and no damage has
occurred.
1.5 Tools
A metric hex wrench set will be required to
assemble or disassemble tooling mounted in rails.
Molex Presses
Molex offers a press that is suitable for this
application. It is:
62201-3800 8-ton Pneumatic Flat Platen Press
See Figure 1-1.
1.6 Press Requirements
This tooling is designed to fit in a flat platen (or flat
rock) press, capable of 66N (15 lbs) of force per
pin.
Letter Description
Dimension (min)
(See Figure1-3)
A
Upper Platen
51by 102 by 25.4mm
(2 by 4 by 1”)
B
Opening
89mm (3.5”)
C
Throat
150mm (6”)
Figure 1-3
PRESS THROAT DIMENSIONS
B
A
C


Similar Part No. - 0622023030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622023031 MOLEX11-0622023031 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
More results

Similar Description - 0622023030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622022009 MOLEX11-0622022009 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022005 MOLEX11-0622022005 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022100 MOLEX11-0622022100 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022120 MOLEX11-0622022120 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622020214 MOLEX11-0622020214 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022440 MOLEX11-0622022440 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022810 MOLEX11-0622022810 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022900 MOLEX11-0622022900 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622023025 MOLEX11-0622023025 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022090 MOLEX11-0622022090 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com