Electronic Components Datasheet Search |
|
MW173KB1203F01 Datasheet(PDF) 1 Page - SL Power Electronics |
|
MW173KB1203F01 Datasheet(HTML) 1 Page - SL Power Electronics |
1 / 3 page ______________________________________________________________________________________________________________________________ 1 of 3 SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com Line and Load Voltage Regulation Excluding Cord Line: +/-1% Load: +/-5% Ripple 1% Vp-p max. Transient Response 0.5mS for 50% Load Change, typical. Protection Overcurrent Protection (Hiccup). Short Circuit Protection Input Voltage Range Universal Input 100-240VAC, -10%, +10% Line Frequency 47-63Hz Input Current 90 VAC 1.0A, max. Protection Internal Primary Current Fuse, Inrush Limiting Thermal Performance Operating Temperature full load, no derating, convection cooling, Non- vented case 0° C to 40° C Relative Humidity Non-condensing 5% to 95% Altitude 0 to 10,000 feet Output Specifications Input Specifications Environmental Specifications Topology Switching - Fixed Frequency Flyback Efficiency Designed to meet EISA Requirements - see page 3 Hold-up Time @ 115VAC 18mS, min. Dialectric Withstand 4,000VAC or 5,656VDC Primary-Secondary; 1,500VAC or 2,150VDC Primary - F.G; 500VDC Secondary - F.G. Storage Temp. -30° C to 85° C Approvals and Safety Standards UL60601-1 IEC/EN60601-1 EMC: EN60601-1-2/ EN55024 MTBF 100,000 Calculated Hours Case and Dimensions Desktop Style: 3.74"L x 2.13"W x 1.26"H 95mm L x 54mm W x 33mm H Case Material Black 94V0 Polycarbonate Cord and Connectors 18AWG, 1,800mm 2 conductor. (5V, 6V model: 1,500mm). Ault #3 connector. Other connectors are available. General Specifications MW173KB Universal 20 – 32 Watt Series Medical Switch-Mode Power Supply 3 Year Warranty • 100-240VAC Universal Input • Desktop Style • 5V to 24V Single Output Models, up to 32W • Modified and Custom Designs • Regulated Output with Low Ripple • Impact-Resistant Polycarbonate Enclosure • No load Power Consumption < 0.50W • Designed to meet EISA Requirements (see page 3 for details). Specifications All Specifications are typical at nominal input, full load at 25°C unless otherwise stated. |
Similar Part No. - MW173KB1203F01 |
|
Similar Description - MW173KB1203F01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |