Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX-750 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MAX-750
Description  700, 750 WATTS MULTIPLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MAX-750 Datasheet(HTML) 1 Page - SL Power Electronics

  MAX-750 Datasheet HTML 1Page - SL Power Electronics MAX-750 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
700, 750 WATTS
MULTIPLE OUTPUT
MAX-700
MAX-750
MSC-750
Featuring:
• Over 4 watts/in3 power density
• 80% overall efficiency
• VMEbus and Multibus II system
compatibility
• Meets international safety agency
requirements
• All outputs fully regulated ±1%
• High peak current for motor starting
• AC automatic line selection option
Specify the appropriate MAX-700 or
MAX-750 and get new design freedom
for your high-end computer products. Use
a system air cooled MAX-700, an optional
self-cooled MAX-700 or standard self-
cooled MAX-750. You can reduce your
product size by replacing an 11” x 8” x 5”
unit with a 58% smaller MAX-750. Build in
power supply redundancy by replacing
one ordinary switcher with two MAX-700s
in the same space.
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
MAX-703-0512
700
+5V @ 100A
+12V @ 12/20A pk
-12V @ 10A
MAX-704-1205
700
+5V @ 100A
+12V @ 12/20A pk
-12V @ 10A
5.2V @ 2A
MAX-753-0512
750
+5V @ 120A
+12V @ 12/20A pk
-12V @ 10A
MAX-754-1205
750
+5V @ 120A
+12V @ 12/20A pk
-12V @ 10A
5.2V @ 2A
MAX-754-1212
750
+5V @ 120A
+12V @ 12/20A pk
-12V @ 10A
12V @ 2A
MAX-754-1224
750
+5V @ 120A
+12V @ 12/20A pk
-12V @ 10A
+24V @ 2A
MAX-754-1252
750
+5V @ 120A
+12V @ 12/20A pk
-5.2V @ 10A
12V @ 2A
STANDARD MAX SERIES
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
MSC-753-0512
750
+5V @ 120A
+12V @ 20/27A pk
-12V @ 6A
MASS STORAGE MSC SERIES
Option F


Similar Part No. - MAX-750

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAX-750 SLPOWER-MAX-750 Datasheet
85Kb / 2P
   MAX-750 Multiple Output
More results

Similar Description - MAX-750

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
logo
Powerbox
PM650 POWERBOX-PM650 Datasheet
444Kb / 3P
   650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
SL Power Electronics
MAX-750 SLPOWER-MAX-750 Datasheet
85Kb / 2P
   MAX-750 Multiple Output
NMX-750 SLPOWER-NMX-750 Datasheet
82Kb / 2P
   750 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
MAX-250 SLPOWER-MAX-250 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MAX-400 SLPOWER-MAX-400 Datasheet
97Kb / 2P
   400, 500 WATTS MULTIPLE OUTPUT
MSC-350 SLPOWER-MSC-350 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MTC-160 SLPOWER-MTC-160 Datasheet
89Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
MDT-220 SLPOWER-MDT-220 Datasheet
83Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
MDT-160 SLPOWER-MDT-160 Datasheet
83Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com