Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINT3110A1708K01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT3110A1708K01
Description  110W Triple Output Medical Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT3110A1708K01 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT3110A1708K01 Datasheet HTML 1Page - SL Power Electronics MINT3110A1708K01 Datasheet HTML 2Page - SL Power Electronics MINT3110A1708K01 Datasheet HTML 3Page - SL Power Electronics MINT3110A1708K01 Datasheet HTML 4Page - SL Power Electronics MINT3110A1708K01 Datasheet HTML 5Page - SL Power Electronics MINT3110A1708K01 Datasheet HTML 6Page - SL Power Electronics MINT3110A1708K01 Datasheet HTML 7Page - SL Power Electronics MINT3110A1708K01 Datasheet HTML 8Page - SL Power Electronics MINT3110A1708K01 Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MINT3110
110W Triple Output
Medical Series
www.slpower.com
MINT3110 REV 1.3, 12-NOV-12
2
General Specifications (continued)
Inrush Current
264Vac, cold start: will not exceed 45A
Signals
AC Power Fail, DC OK
Input Fuses
F1, F2: 2.5A, 250Vac fuses provided on all
models
Overload
Protection
150%-300% above rating for V2 & V3, 110%-
200% for V1. Hiccup Mode
Earth Leakage
Current
<290μA@264Vac, 60Hz, NC
Short Circuit
Protection
Provided - no damage will occur if the output is
shorted.
Efficiency
87% typical at 230Vac
Overvoltage
Protection
See models chart for trip range.
Output Power
110W continuous with 200 lfm airflow, 80W
convection cooled – See chart for specific
voltage model ratings.
Switching
Frequency
PFC: Variable 30-400kHz.
Main Converter: Variable 35-180kHz, 65-70kHz
at full load.
Transient
Response
500µS typ. for return to within 0.5% of
nominal, 50% load step.
i/t <0.2A/μS.
Max Volt Deviation = 3%
Isolation
Input-Output:
4000Vac, 2 x MOPP
Input-Ground:
1800Vac, 1 x MOPP
Output-Ground: 500Vac
Ripple and Noise
See models chart
Operating
Temperature
-10°C to +70°C
Output Voltage
See models chart
Temperature
Derating
Derate output power linearly above 50°C to 50%
at 70°C
Voltage
Adjustability
+/-10% from nominal on 5V output
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: -500 to 10,000 ft.
Non-operating: -500 to 40,000 ft.
Total Regulation
See models chart
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g
²/Hz, 1.5grms overall, 3
axes, 10 min/axis
Non-Operating: 0.026g
²/Hz, 5.0grms overall,
3 axes, 1 hr/axis
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes, 6
shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3
axes, 6 shocks total
Dimensions
W: 2.0” x L: 4.0” x H: 1.3”
Safety Standards
EN/CSA/UL/IEC 60601-1, 3
rd Edition
Weight
200g
MTBF
245,000 hours, 25
°C Ambient, 110Vac input
Auxiliary Signals
AC Power Fail:
During normal operation, stays HIGH. Signal
goes LOW with at least 6mS warning before
loss of DC output from AC failure.
DC OK:
Open collector logic signal goes and stays HIGH
100mS to 500mS after main output reaches
regulation.
Remote Sense:
(5V output, optional) Will compensate for 0.5V
drop min. Will operate without remote sense
connected. Reverse connection protected.
Notes:
1. Specifications are for convection rating at factory settings at 115 Vac input, 25°C ambient unless otherwise stated.
2. For DC input an external DC safety rated fuse must be used.


Similar Part No. - MINT3110A1708K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT3110A1708K01 SLPOWER-MINT3110A1708K01 Datasheet
5Mb / 10P
   110W Triple Output Medical Series
More results

Similar Description - MINT3110A1708K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT3110 SLPOWER-MINT3110_14 Datasheet
5Mb / 10P
   110W Triple Output Medical Series
MINT1110A SLPOWER-MINT1110A Datasheet
489Kb / 3P
   110W Single Output Series
logo
Mean Well Enterprises C...
RPT-60 MEANWELL-RPT-60_11 Datasheet
789Kb / 3P
   60W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60 Datasheet
777Kb / 3P
   60W Triple Output Medical Type
MPT-45 MEANWELL-MPT-45_11 Datasheet
307Kb / 2P
   45W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60_12 Datasheet
821Kb / 3P
   60W Triple Output Medical Type
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
   65W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65 Datasheet
337Kb / 2P
   65W Triple Output Medical Type
RPT-75 MEANWELL-RPT-75 Datasheet
527Kb / 3P
   75W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65_11 Datasheet
340Kb / 2P
   65W Triple Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com