Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3957 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3957
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3957 Datasheet(HTML) 4 Page - Linear Technology

  LT3957 Datasheet HTML 1Page - Linear Technology LT3957 Datasheet HTML 2Page - Linear Technology LT3957 Datasheet HTML 3Page - Linear Technology LT3957 Datasheet HTML 4Page - Linear Technology LT3957 Datasheet HTML 5Page - Linear Technology LT3957 Datasheet HTML 6Page - Linear Technology LT3957 Datasheet HTML 7Page - Linear Technology LT3957 Datasheet HTML 8Page - Linear Technology LT3957 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3959
4
3959f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Input Low
l
0.4
V
SYNC Input High
l
1.5
V
SS Pull-Up Current
SS = 0V, Current Out of Pin
l
–14
–10.5
–7
μA
Low Dropout Regulators (DRIVE LDO and VIN LDO)
DRIVE LDO Regulation Voltage
DRIVE = 6V, Not Switching
l
4.6
4.75
4.9
V
VIN LDO Regulation Voltage
DRIVE = 0V, Not Switching
l
3.6
3.75
3.9
V
DRIVE LDO Current Limit
INTVCC = 4V
60
mA
VIN LDO Current Limit
DRIVE = 0V, INTVCC = 3V
60
mA
DRIVE LDO Load Regulation (ΔVINTVCC/VINTVCC)
0 < IINTVCC < 20mA, DRIVE = 6V
–1
–0.6
%
VIN LDO Load Regulation (ΔVINTVCC/VINTVCC)
DRIVE = 0V, 0 < IINTVCC < 20mA
–1
–0.6
%
DRIVE LDO Line Regulation [ΔVINTVCC/(VINTVCC • ΔVIN)] 1.6V < VIN < 40V, DRIVE = 6V
0.03
0.07
%/V
VIN LDO Line Regulation [ΔVINTVCC/(VINTVCC • ΔVIN)]
DRIVE = 0V, 5V < VIN < 40V
0.03
0.07
%/V
DRIVE LDO Dropout Voltage (VDRIVE – VINTVCC)
DRIVE = 4V, IINTVCC = 20mA
l
190
400
mV
VIN LDO Dropout Voltage (VIN – VINTVCC)VIN = 3V, DRIVE = 0V,
IINTVCC = 20mA
l
190
400
mV
INTVCC Undervoltage Lockout Threshold Falling
l
1.85
2.0
2.15
V
INTVCC Undervoltage Lockout Threshold Rising
l
2.15
2.3
2.45
V
INTVCC Current in Shutdown
EN/UVLO = 0V
25
μA
Logic
EN/UVLO Threshold Voltage Falling
l
1.17
1.22
1.27
V
EN/UVLO Threshold Voltage Rising Hysteresis
20
mV
EN/UVLO Input Low Voltage
IVIN < 1μA
0.4
V
EN/UVLO Pin Bias Current Low
EN/UVLO = 1.15V
1.8
2.2
2.6
μA
EN/UVLO Pin Bias Current High
EN/UVLO = 1.30V
10
100
nA
FBX Power Good Threshold Voltage
FBX > 0V, PGOOD Falling
FBX < 0V, PGOOD Falling
VFBX(REG) – 0.08
VFBX(REG) + 0.04
V
V
FBX Overvoltage Threshold
FBX > 0V, PGOOD Rising
FBX < 0V, PGOOD Rising
VFBX(REG) + 0.12
VFBX(REG) – 0.06
V
V
PGOOD Output Low (VOL)IPGOOD = 250μA
210
300
mV
PGOOD Leakage Current
PGOOD = 40V
1
μA
INTVCC Minimum Voltage to Enable PGOOD Function
l
2.5
2.7
2.9
V
INTVCC Minimum Voltage to Enable SYNC Function
l
2.5
2.7
2.9
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, EN/UVLO = 12V, INTVCC = 4.75V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: For VIN below 4V, the EN/UVLO pin must not exceed VIN for proper
operation.
Note 3: The LT3959E is guaranteed to meet performance specifications
from the 0°C to 125°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LT3959I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 4: The LT3959 is tested in a feedback loop which servos VFBX to the
reference voltages (1.6V and –0.8V) with the VC pin forced to 1.3V.


Similar Part No. - LT3957

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3957 LINER-LT3957 Datasheet
514Kb / 32P
   Wide Input Voltage Range
LT3957 LINER-LT3957 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3957 LINER-LT3957 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LT3957

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3959 LINER-LT3959_15 Datasheet
338Kb / 26P
   Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
LT3759IMSE LINER-LT3759IMSE Datasheet
445Kb / 32P
   Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3759 LINER-LT3759_15 Datasheet
445Kb / 32P
   Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Analog Devices
LT8334 AD-LT8334 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
logo
Linear Technology
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com