Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE8202 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8202
Description  50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 10.00 Deg. Per GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8202 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8202 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8202 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8202 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 10.00
Deg. Per GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With
an Adjustable Phase of 10.00 Deg. Per GHz PE8202
URL: http://www.pasternack.com/sma-male-.085-semi-rigid-adjustable-phase-trimmer-dc-18-ghz-pe8202-p.aspx
PE8202
PE8202 REV
50 Ohm SMA To .085 Semi-Rigid Adjustable Phase
Trimmer Operating From DC to 18 GHz With an
Adjustable Phase of 10.00 Deg. Per GHz


Similar Part No. - PE8202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8200 PASTERNACK-PE8200 Datasheet
764Kb / 3P
   50 Ohm SMA Male To SMA Female DC to 18 GHz Adjustable Phase Trimmer
PE8203 PASTERNACK-PE8203 Datasheet
356Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
More results

Similar Description - PE8202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8247 PASTERNACK-PE8247 Datasheet
214Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8203 PASTERNACK-PE8203 Datasheet
356Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8246 PASTERNACK-PE8246 Datasheet
214Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8040 PASTERNACK-PE8040 Datasheet
114Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8245 PASTERNACK-PE8245 Datasheet
214Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8255 PASTERNACK-PE8255 Datasheet
365Kb / 3P
   50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8253 PASTERNACK-PE8253 Datasheet
211Kb / 3P
   50 Ohm SMA To SMA Phase Shifter Operating From 18 GHz to 26.5 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8254 PASTERNACK-PE8254 Datasheet
245Kb / 3P
   50 Ohm 2.92mm To 2.92mm Phase Shifter Operating From 26.5 GHz to 40 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com