Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3260 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3260
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3260 Datasheet(HTML) 4 Page - Linear Technology

  LTC3260 Datasheet HTML 1Page - Linear Technology LTC3260 Datasheet HTML 2Page - Linear Technology LTC3260 Datasheet HTML 3Page - Linear Technology LTC3260 Datasheet HTML 4Page - Linear Technology LTC3260 Datasheet HTML 5Page - Linear Technology LTC3260 Datasheet HTML 6Page - Linear Technology LTC3260 Datasheet HTML 7Page - Linear Technology LTC3260 Datasheet HTML 8Page - Linear Technology LTC3260 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3245
4
3245f
For more information www.linear.com/LTC3245
Typical perForMance characTerisTics
5V Fixed Output Voltage
vs Input Voltage (Burst Mode
Operation)
5V Fixed Output Voltage
vs Input Voltage (Low Noise
Operation)
5V Fixed Efficiency
vs Output Current
3.3V Fixed Output Voltage
vs Input Voltage (Burst Mode
Operation)
3.3V Fixed Output Voltage
vs Input Voltage (Low Noise
Operation)
3.3V Fixed Output Efficiency
vs Output Current
Input Operating Current
vs Input Voltage
Input Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Temperature
TA = 25°C, unless otherwise noted.
VIN (V)
0
0
5
10
15
25
20
35
30
45
40
50
5
10
15
20
3245 G01
25
30
35
40
BURST = 0V
VOUT = 5V
VOUT = 3.3V
VIN (V)
0
0
2
4
6
10
8
14
12
18
16
20
5
10
15
20
3245 G02
25
30
35
40
150°C
125°C
25°C
–55°C
TEMPERATURE (°C)
–60
300
325
350
375
400
450
425
475
500
–30
0
30
60
3245 G03
90
120 150
VIN (V)
2
4.80
4.85
4.90
4.95
5.00
5.10
5.05
5.15
5.20
3 4 5 6
8
7
9
3245 G04
10 11
14
12 13
15
IOUT = 0mA
IOUT = 150mA
IOUT = 250mA
VIN (V)
2
4.80
4.85
4.90
4.95
5.00
5.10
5.05
5.15
5.20
3 4 5 6
8
7
9
3245 G05
10 11
14
12 13
15
IOUT = 0mA
IOUT = 150mA
IOUT = 250mA
IOUT (mA)
3245 G06
100
80
70
90
60
40
30
20
10
50
0
0.1
100
1000
10
1
Burst Mode OPERATION
LOW NOISE
VIN = 12V
VIN (V)
2
3.10
3.15
3.20
3.25
3.30
3.40
3.35
3.45
3.50
3 4 5 6
8
7
9
3245 G07
10 11
14
12 13
15
IOUT = 0mA
IOUT = 150mA
IOUT = 250mA
VIN (V)
2
3.10
3.15
3.20
3.25
3.30
3.40
3.35
3.45
3.50
3 4 5 6
8
7
9
3245 G08
10 11
14
12 13
15
IOUT = 0mA
IOUT = 150mA
IOUT = 250mA
IOUT (mA)
3245 G09
100
80
70
90
60
40
30
20
10
50
0
0.1
100
1000
10
1
Burst Mode OPERATION
LOW NOISE
VIN = 9V


Similar Part No. - LTC3260

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3260 LINER-LTC3260 Datasheet
1Mb / 22P
   Dual-Channel Low Noise Bias Generators
logo
Analog Devices
LTC3260 AD-LTC3260 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
LTC3260 AD-LTC3260 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
   Low Noise Dual Supply Inverting Charge Pump
More results

Similar Description - LTC3260

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3245EMSE LINER-LTC3245EMSE Datasheet
1Mb / 6P
   Wide VIN Range, Low Noise 250mA Buck-Boost Charge Pump
LTC3245 LINER-LTC3245_15 Datasheet
542Kb / 18P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3246 LINER-LTC3246 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Analog Devices
LTC3246 AD-LTC3246 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Linear Technology
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3255EMSE LINER-LTC3255EMSE Datasheet
393Kb / 8P
   Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3255 LINER-LTC3255_15 Datasheet
258Kb / 16P
   Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3549 LINER-LTC3549_15 Datasheet
378Kb / 16P
   250mA Low VIN Buck Regulator
LTC3255 LINER-LTC3255 Datasheet
258Kb / 16P
   Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com