Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3204-3.3 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3204-3.3
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3204-3.3 Datasheet(HTML) 5 Page - Linear Technology

  LTC3204-3.3 Datasheet HTML 1Page - Linear Technology LTC3204-3.3 Datasheet HTML 2Page - Linear Technology LTC3204-3.3 Datasheet HTML 3Page - Linear Technology LTC3204-3.3 Datasheet HTML 4Page - Linear Technology LTC3204-3.3 Datasheet HTML 5Page - Linear Technology LTC3204-3.3 Datasheet HTML 6Page - Linear Technology LTC3204-3.3 Datasheet HTML 7Page - Linear Technology LTC3204-3.3 Datasheet HTML 8Page - Linear Technology LTC3204-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3245
5
3245f
For more information www.linear.com/LTC3245
Typical perForMance characTerisTics
5V Output Impedance
vs Temperature (Boost Mode)
3.3V Output Impedance
vs Temperature (Boost Mode)
Output Current vs Input Voltage
(VOUT 5% Below Regulation)
5V Fixed Output Voltage
vs Falling Input Voltage
(Burst Mode Operation)
3.3V Fixed Output Voltage
vs Falling Input Voltage
(Burst Mode Operation)
ADJ Regulation Voltage
vs Temperature
TA = 25°C, unless otherwise noted.
VIN (V)
2
4.900
4.925
4.950
4.975
5.000
5.050
5.025
5.075
5.100
3 4 5 6
8
7
9
3245 G10
10 11
14
12 13
15
IOUT = 250mA
IOUT = 1mA
–55°C
25°C
125°C
VIN (V)
2
3.200
3.225
3.250
3.275
3.300
3.350
3.325
3.375
3.400
3 4 5 6
8
7
9
3245 G11
10 11
14
12 13
15
IOUT = 250mA
IOUT = 1mA
–55°C
25°C
125°C
TEMPERATURE (°C)
–60
0
5
10
15
20
25
30
–30
0
30
60
3245 G13
90
120 150
VIN = 2.7V
VIN = 3.3V
LOW NOISE
Burst Mode OPERATION
TEMPERATURE (°C)
–60
0
5
10
15
30
25
20
35
40
–30
0
30
3245 G14
60
90
120 150
VIN = 2.7V
VIN = 3.3V
LOW NOISE
Burst Mode OPERATION
VIN (V)
2
0
100
200
300
700
600
500
400
800
3 4 5 6
3245 G15
7 8 9 10 11 12 13 14
5V Burst Mode
OPERATION
3.3V Burst Mode
OPERATION
3.3V LOW NOISE
5V LOW NOISE
TEMPERATURE (°C)
–60
1.180
1.185
1.190
1.195
1.200
1.210
1.205
1.215
1.220
–30
0
30
60
3245 G12
90
120 150
VOUT (V)
2.5
0
1
2
7
6
5
4
3
8
11
10
9
12
3
3245 G17
3.5
4
4.5
5
BUCK
LDO
FALLING
RISING
RISING
FALLING
BOOST
IOUT = 150mA
VOUT (V)
2.5
0
1
2
7
6
5
4
3
8
11
10
9
12
3
3245 G18
3.5
4
4.5
5
BUCK
LDO
FALLING
RISING
RISING
FALLING
BOOST
IOUT = 250mA
VOUT (V)
2.5
0
1
2
7
6
5
4
3
8
11
10
9
12
3
3245 G16
3.5
4
4.5
5
BUCK
IOUT = 1mA
LDO
FALLING
RISING
RISING
FALLING
BOOST
Operating Mode Transition
Voltage vs Input Voltage
Operating Mode Transition
Voltage vs Input Voltage
Operating Mode Transition
Voltage vs Input Voltage


Similar Part No. - LTC3204-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
604Kb / 12P
   Low Noise Regulated Charge Pump in 2 X 2 DFN
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
logo
Analog Devices
LTC3204-3.3 AD-LTC3204-3.3 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Linear Technology
LTC3204-3.3 LINER-LTC3204-3.3_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
More results

Similar Description - LTC3204-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3245EMSE LINER-LTC3245EMSE Datasheet
1Mb / 6P
   Wide VIN Range, Low Noise 250mA Buck-Boost Charge Pump
LTC3245 LINER-LTC3245_15 Datasheet
542Kb / 18P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3246 LINER-LTC3246 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Analog Devices
LTC3246 AD-LTC3246 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Linear Technology
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3255EMSE LINER-LTC3255EMSE Datasheet
393Kb / 8P
   Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3255 LINER-LTC3255_15 Datasheet
258Kb / 16P
   Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3549 LINER-LTC3549_15 Datasheet
378Kb / 16P
   250mA Low VIN Buck Regulator
LTC3255 LINER-LTC3255 Datasheet
258Kb / 16P
   Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com