Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1389 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1389
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1389 Datasheet HTML 7Page - Linear Technology LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology LT1389 Datasheet HTML 10Page - Linear Technology LT1389 Datasheet HTML 11Page - Linear Technology LT1389 Datasheet HTML 12Page - Linear Technology LT1389 Datasheet HTML 13Page - Linear Technology LT1389 Datasheet HTML 14Page - Linear Technology LT1389 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3330
11
3330p
For more information www.linear.com/LTC3330
OUT0,OUT1,OUT2(Pins30,31,32):VOUTVoltageSelect
Bits. Tie high to VIN3 or low to GND to select the desired
VOUT (see Table 1). Do not float.
pin FuncTions
GND (Exposed Pad Pin 11): Ground. The exposed pad
must be connected to a continuous ground plane on the
second layer of the printed circuit board by several vias
directly under the LTC3330.
block DiagraM
3330 BD
BANDGAP
REFERENCE
INTERNAL
RAIL
GENERATION
PRIORITZER
UVLO
UVLO_SET
SLEEP
VIN
VREF
AC1
20V
10
8
AC2
BAT
9
16
EH_ON
SLEEP
ILIM_SET
VREF
PGVOUT
PGLDO
29
28
27
+
+
SLEEP
0.9*VREF
VREF
+
+
0.925*VREF
CAP
11
SW
VIN2
GND
33
SWA
SWB
LDO_IN
VOUT
15
14
13
21
LDO_OUT
SCAP
BAL
20
1
2
VIN3
26
BUCK-BOOST
CONTROL
ILIM_SET
UVLO_SET
12
3
3
3
32, 31, 30
22, 23, 24
4
4, 5, 6, 7
UV[3:0]
3
19, 18, 17
IPK[2:0]
OUT[2:0]
LDO[2:0]
BUCK
CONTROL
LDO_EN
25
+


Similar Part No. - LT1389

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
   Nanopower Precision Shunt Voltage Reference
LT1389 LINER-LT1389 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT1389 LINER-LT1389 Datasheet
162Kb / 8P
   Ultra Precision Reference
LT1389 LINER-LT1389 Datasheet
219Kb / 12P
   Nanopower Precision Shunt Voltage Reference
LT1389ACS8-1.25 LINER-LT1389ACS8-1.25 Datasheet
204Kb / 12P
   Nanopower Precision Shunt Voltage Reference
More results

Similar Description - LT1389

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3331EUH LINER-LTC3331EUH Datasheet
1Mb / 16P
   Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
LTC3331 LINER-LTC3331_15 Datasheet
480Kb / 34P
   Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
LTC3331 LINER-LTC3331 Datasheet
569Kb / 34P
   Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
LTC3330EUH LINER-LTC3330EUH Datasheet
1Mb / 16P
   Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Life Extender
LTC3330 LINER-LTC3330_15 Datasheet
503Kb / 32P
   Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Life Extender
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
   3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8068 LINER-LTM8068 Datasheet
889Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com