Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4215
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215 Datasheet(HTML) 5 Page - Linear Technology

  LTC4215 Datasheet HTML 1Page - Linear Technology LTC4215 Datasheet HTML 2Page - Linear Technology LTC4215 Datasheet HTML 3Page - Linear Technology LTC4215 Datasheet HTML 4Page - Linear Technology LTC4215 Datasheet HTML 5Page - Linear Technology LTC4215 Datasheet HTML 6Page - Linear Technology LTC4215 Datasheet HTML 7Page - Linear Technology LTC4215 Datasheet HTML 8Page - Linear Technology LTC4215 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC2945
5
2945f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive. All voltages are referenced to
ground, unless otherwise noted.
Note 3: An internal shunt regulator limits the INTVCC pin to a minimum of
5.9V. Driving this pin to voltages beyond 5.9V may damage the part. This
pin can be safely tied to higher voltages through a resistor that limits the
current below 35mA.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C INTERFACE TIMING (Note 5)
fSCL(MAX)
Maximum SCL Clock Frequency
400
kHz
tLOW
Minimum SCL Low Period
0.65
1.3
μs
tHIGH
Minimum SCL High Period
50
600
ns
tBUF(MIN)
Minimum Bus Free Time Between Stop/Start
Condition
0.12
1.3
μs
tHD,STA(MIN)
Minimum Hold Time After (Repeated) Start
Condition
140
600
ns
tSU,STA(MIN)
Minimum Repeated Start Condition Set-Up
Time
30
600
ns
tSU,STO(MIN)
Minimum Stop Condition Set-Up Time
30
600
ns
tHD,DATI(MIN)
Minimum Data Hold Time Input
–100
0
ns
tHD,DATO(MIN)
Minimum Data Hold Time Output
300
600
900
ns
tSU,DAT(MIN)
Minimum Data Set-Up Time
30
100
ns
tSP(MAX)
Maximum Suppressed Spike Pulse Width
50
110
250
ns
tRST
Stuck Bus Reset Time
SCL or SDAI Held Low
25
33
ms
CX
SCL, SDAI Input Capacitance
510
pF
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD is from 4V to 80V unless otherwise noted. (Note 2)
Note 4: Internal clamps limit the SCL and SDAI pins to a minimum of 5.9V.
Driving these pins to voltages beyond the clamp may damage the part. The
pins can be safely tied to higher voltages through resistors that limit the
current below 5mA.
Note 5: Guaranteed by design and not subject to test.
Note 6:
TUE
=
ACTUAL CODE
−IDEAL CODE
()
4096
×100%
where IDEAL CODE is derived from a straight line passing through Code 0
at 0V and Theoretical Code of 4096 at VFS.
Note 7: ΔSENSE is defined as VSENSE+ – VSENSE


Similar Part No. - LTC4215

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4215 LINER-LTC4215 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4215 LINER-LTC4215 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4215 LINER-LTC4215 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
More results

Similar Description - LTC4215

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
logo
SHANGHAI BELLING CO., L...
BL1551 BELLING-BL1551 Datasheet
135Kb / 10P
   Rail-to-Rail Signal Range
logo
Linear Technology
LTC2945 LINER-LTC2945_15 Datasheet
818Kb / 34P
   Wide Range I2C Power Monitor
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com