Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2450 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2450
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2450 Datasheet HTML 3Page - Linear Technology LTC2450 Datasheet HTML 4Page - Linear Technology LTC2450 Datasheet HTML 5Page - Linear Technology LTC2450 Datasheet HTML 6Page - Linear Technology LTC2450 Datasheet HTML 7Page - Linear Technology LTC2450 Datasheet HTML 8Page - Linear Technology LTC2450 Datasheet HTML 9Page - Linear Technology LTC2450 Datasheet HTML 10Page - Linear Technology LTC2450 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2945
7
2945f
TYPICAL PERFORMANCE CHARACTERISTICS
SDAO, SDAO, ALERT Loaded
Output Low Voltage
SENSE+ Input Current
SCL, SDAI Loaded Clamp Voltage
SENSEInput Current
INTVCC Shunt Regulator Load
Regulation
ADRO, ADR1 Voltage with Current
Sink or Source
ADC Integral Nonlinearity
(ΔSENSE)
ADC Differential Nonlinearity
(ΔSENSE)
ADC Total Unadjusted Error
(ΔSENSE)
VDD = 48V, TA = 25°C, unless noted.
CODE
0
–0.4
0.4
0.2
–0.2
0.0
3072
4096
1024
2048
2945 G10
CODE
0
–0.3
0.3
0.0
0.1
0.2
–0.2
–0.1
3072
4096
1024
2048
2945 G11
CODE
0
–0.50
0.50
0.25
–0.25
0.00
3072
4096
1024
2048
2945 G12
ISDA,ALERT (mA)
0
0.0
0.4
0.3
0.1
0.2
810
246
2945 G13
ILOAD (mA)
0.01
6.0
6.6
6.5
6.1
6.2
6.3
6.4
10.00
0.10
1.00
2945 G14
VSENSE+ (V)
0
–10
150
110
30
70
80
20
40
60
2945 G16
VSENSE+ (V)
0
–2
10
8
6
0
4
2
80
20
40
60
2945 G17
IADR (μA)
–10
0.0
3.0
2.5
2.0
0.5
1.5
1.0
10
–5
0
5
2945 G18
VCC SHUNT CURRENT (mA)
0
6.0
6.6
6.4
6.2
30
40
10
20
2945 G15


Similar Part No. - LTC2450

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2450 LINER-LTC2450 Datasheet
633Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2450 LINER-LTC2450 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2450-1 LINER-LTC2450-1 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
More results

Similar Description - LTC2450

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
logo
SHANGHAI BELLING CO., L...
BL1551 BELLING-BL1551 Datasheet
135Kb / 10P
   Rail-to-Rail Signal Range
logo
Linear Technology
LTC2945 LINER-LTC2945_15 Datasheet
818Kb / 34P
   Wide Range I2C Power Monitor
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com