Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 2Page - Linear Technology LTC4151 Datasheet HTML 3Page - Linear Technology LTC4151 Datasheet HTML 4Page - Linear Technology LTC4151 Datasheet HTML 5Page - Linear Technology LTC4151 Datasheet HTML 6Page - Linear Technology LTC4151 Datasheet HTML 7Page - Linear Technology LTC4151 Datasheet HTML 8Page - Linear Technology LTC4151 Datasheet HTML 9Page - Linear Technology LTC4151 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2945
6
2945f
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Supply Current in
Shutdown
INTVCC Load Regulation
INTVCC Line Regulation
ADC Integral Nonlinearity (ADIN)
ADC Differential Nonlinearity
(ADIN)
ADC Total Unadjusted Error
(ADIN)
VDD Supply Current
VDD Supply Current in Shutdown
INTVCC Supply Current
VDD = 48V, TA = 25°C, unless noted.
VDD SUPPLY VOLTAGE (V)
0
600
800
750
700
650
60
80
20
40
2945 G01
VDD SUPPLY VOLTAGE (V)
0
10
70
60
40
50
20
30
60
80
20
40
2945 G02
VCC SUPPLY VOLTAGE (V)
2
500
600
575
525
550
56
34
2945 G03
VCC SUPPLY VOLTAGE (V)
2
10.0
22.5
17.5
20.0
12.5
15.0
56
34
2945 G04
CODE
0
–0.3
0.3
0.0
0.1
0.2
–0.2
–0.1
3072
4096
1024
2048
2945 G07
CODE
0
–0.3
0.3
0.0
0.1
0.2
–0.2
–0.1
3072
4096
1024
2048
2945 G08
CODE
0
–0.02
0.02
0.01
–0.01
0
3072
4096
1024
2048
2945 G09
LOAD CURRENT (mA)
0
4.8
5.2
5.1
4.9
5.0
8
610
24
2945 G05
VDD SUPPLY VOLYAGE (V)
0
3.0
5.5
4.5
5.0
3.5
4.0
60
40
80
20
2945 G06


Similar Part No. - LTC4151

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTC4151 AD-LTC4151 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4151 AD-LTC4151 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
logo
SHANGHAI BELLING CO., L...
BL1551 BELLING-BL1551 Datasheet
135Kb / 10P
   Rail-to-Rail Signal Range
logo
Linear Technology
LTC2945 LINER-LTC2945_15 Datasheet
818Kb / 34P
   Wide Range I2C Power Monitor
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com