Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMB-U75 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # GMB-U75
Description  AMD짰 R-series Multi-display System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

GMB-U75 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  GMB-U75 Datasheet HTML 1Page - Advantech Co., Ltd. GMB-U75 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
GMB-U75
Design & Manufacturing Services
ODM products are designed for customers with consistent orders and specific design
requirements. ODM products are subject to minimum annual order quantities and
engineering charges. Evaluation units are available without such restrictions. Advantech
has a dedicated project team to serve ODM customers.
For sales inquiries and further information, please contact:
Gaming@advantech.com.tw
Rear and Side Panel I/O Drawing
Rear Panel
Side Panel
280.00
190.00
190.00
100.00
Ø5.00
Ø5.00
Ø5.00
Ø5.00
96.50
4 COM (optional)
24+4 pin
ATX Power Conn.
2VGA /2 COM
(optional)
4 Brackets
PWR/HDD
LED
1 VGA/
3DVI-D
1LAN
2USB
(2.0/3.0)
1LAN
2USB
(2.0)
Line in /
Line out/
Mic in
CF Slot


Similar Part No. - GMB-U75

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GMB-910 ADVANTECH-GMB-910 Datasheet
1Mb / 2P
   Intel Celeron짰 M Mini-ITX Motherboard with Dual VGA, 6 COM, and Dual LAN
GMB-910-M6A1E ADVANTECH-GMB-910-M6A1E Datasheet
1Mb / 2P
   Intel Celeron짰 M Mini-ITX Motherboard with Dual VGA, 6 COM, and Dual LAN
GMB-945GC ADVANTECH-GMB-945GC Datasheet
321Kb / 2P
   Intel짰 LGA775 Core??2 Duo Mini-ITX with VGA, 4 COM, and Dual LAN
GMB-945GC-00A1E ADVANTECH-GMB-945GC-00A1E Datasheet
321Kb / 2P
   Intel짰 LGA775 Core??2 Duo Mini-ITX with VGA, 4 COM, and Dual LAN
GMB-A55E ADVANTECH-GMB-A55E Datasheet
1Mb / 2P
   AMD짰 G-Series mini-ITX Motherboard
More results

Similar Description - GMB-U75

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GMB-I55E ADVANTECH-GMB-I55E Datasheet
927Kb / 2P
   AMD짰 G-series Multi-display System
DPX-C710 ADVANTECH-DPX-C710_14 Datasheet
967Kb / 2P
   AMD짰 Embedded R-Series Gaming Platform
GMB-A75 ADVANTECH-GMB-A75 Datasheet
1Mb / 2P
   AMD짰 R-series Micro-ATX Motherboard
DPX-SC710 ADVANTECH-DPX-SC710 Datasheet
980Kb / 2P
   AMD짰 Embedded R-Series Gaming Platform
DPX-SC710 ADVANTECH-DPX-SC710_14 Datasheet
1,021Kb / 2P
   AMD짰 Embedded R-Series Gaming Platform
DPX-S430 ADVANTECH-DPX-S430 Datasheet
1Mb / 2P
   AMD짰 Embedded R-Series (Fusion) Gaming Platform
DPX-S430 ADVANTECH-DPX-S430_14 Datasheet
941Kb / 2P
   AMD짰 Embedded R-Series (Fusion) Gaming Platform
MIO-5270 ADVANTECH-MIO-5270_V01 Datasheet
1Mb / 2P
   AMD짰 G- Series 3.5
5-Jan-2018
logo
AAEON Technology
HSB-A550I AAEON-HSB-A550I Datasheet
253Kb / 2P
   Onboard AMD짰 G-Series T16R Processor
logo
Advantech Co., Ltd.
GMB-A55E ADVANTECH-GMB-A55E Datasheet
1Mb / 2P
   AMD짰 G-Series mini-ITX Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com