Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT6517LT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMBT6517LT1
Description  High Voltage Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBT6517LT1 Datasheet(HTML) 2 Page - Motorola, Inc

  MMBT6517LT1 Datasheet HTML 1Page - Motorola, Inc MMBT6517LT1 Datasheet HTML 2Page - Motorola, Inc MMBT6517LT1 Datasheet HTML 3Page - Motorola, Inc MMBT6517LT1 Datasheet HTML 4Page - Motorola, Inc MMBT6517LT1 Datasheet HTML 5Page - Motorola, Inc MMBT6517LT1 Datasheet HTML 6Page - Motorola, Inc MMBT6517LT1 Datasheet HTML 7Page - Motorola, Inc MMBT6517LT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBT6517LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 30 mAdc, VCE = 10 Vdc)
(IC = 50 mAdc, VCE = 10 Vdc)
(IC = 100 mAdc, VCE = 10 Vdc)
hFE
20
30
30
20
15
200
200
Collector – Emitter Saturation Voltage (3)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 20 mAdc, IB = 2.0 mAdc)
(IC = 30 mAdc, IB = 3.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.30
0.35
0.50
1.0
Vdc
Base – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 20 mAdc, IB = 2.0 mAdc)
(IC = 30 mAdc, IB = 3.0 mAdc)
VBE(sat)
0.75
0.85
0.90
Vdc
Base – Emitter On Voltage
(IC = 100 mAdc, VCE = 10 Vdc)
VBE(on)
2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 20 MHz)
fT
40
200
MHz
Collector–Base Capacitance
(VCB = 20 Vdc, f = 1.0 MHz)
Ccb
6.0
pF
Emitter–Base Capacitance
(VEB = 0.5 Vdc, f = 1.0 MHz)
Ceb
80
pF
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.


Similar Part No. - MMBT6517LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
   High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Leshan Radio Company
MMBT6517LT1 LRC-MMBT6517LT1 Datasheet
169Kb / 5P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT6517LT1G ONSEMI-MMBT6517LT1G Datasheet
162Kb / 5P
   High Voltage Transistor
August, 2009 ??Rev. 6
More results

Similar Description - MMBT6517LT1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com