Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0479501011 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0479501011
Description  2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0479501011 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0479501011 Datasheet HTML 1Page - Molex Electronics Ltd. 0479501011 Datasheet HTML 2Page - Molex Electronics Ltd. 0479501011 Datasheet HTML 3Page - Molex Electronics Ltd. 0479501011 Datasheet HTML 4Page - Molex Electronics Ltd. 0479501011 Datasheet HTML 5Page - Molex Electronics Ltd. 0479501011 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION: TITLE:
2.4/5GHZ Stand Alone
Antenna(34.9mm*9mm)
SHEET No.
C
EC No:
ABU2012-0075
6 of 6
DATE:
2012-06-19
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-47950-001
Serena Zhang2011-05-23 Amos Cheah2011-05-23 Welson Tan2011-05-23
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A4](V.1).DOC
6.0 TEST GROUPINGS
Test
Item
Description
Group1
Group2
Group3
Group4
5.5.1
Cross section
X
5.6.1
Humidity Test
X
5.6.2
Temperature
cycling test
X
5.6.3
Salt mist test
X
Sample Quantity
5
5
5
5
7.0 PACKAGING
Refer to the Molex related packaging drawings.


Similar Part No. - 0479501011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0479501011 MOLEX11-0479501011 Datasheet
33Kb / 1P
   2.4GHz / 5GHz Wi-Fi Stand Alone Antenna, 16.00mm Width, Cable Length 150.00mm
0479501011 MOLEX11-0479501011_16 Datasheet
33Kb / 1P
   2.4GHz / 5GHz Wi-Fi Stand Alone Antenna, 16.00mm Width, Cable Length 150.00mm
0479501011 MOLEX-0479501011_V01 Datasheet
34Kb / 1P
   2.4GHz / 5GHz Wi-Fi Stand Alone Antenna, 16.00mm Width, 150.00mm Cable Length, Compatible with U.FL / I-PEX MHF Connectors
More results

Similar Description - 0479501011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0479502001 MOLEX11-0479502001 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479500001 MOLEX11-0479500001 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479502011 MOLEX11-0479502011 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479500011 MOLEX11-0479500011 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479501001 MOLEX11-0479501001 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
PS-47950-011 MOLEX-PS-47950-011 Datasheet
105Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*15.9mm)
2015-04-14
1461530150 MOLEX11-1461530150_16 Datasheet
47Kb / 1P
   2.4GHz / 5GHz Wi-Fi Stand Alone Balance Antenna, 9.00mm Width
logo
ATMEL Corporation
ATA5278 ATMEL-ATA5278_07 Datasheet
603Kb / 34P
   Stand-alone Antenna Driver
ATA5277 ATMEL-ATA5277 Datasheet
330Kb / 20P
   STAND-ALONE ANTENNA DRIVER
ATA5278 ATMEL-ATA5278_06 Datasheet
602Kb / 34P
   Stand-alone Antenna Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com