Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPX-S425 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DPX-S425
Description  Intel짰 Core??i5, Core i7 Gaming Platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DPX-S425 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DPX-S425 Datasheet HTML 1Page - Advantech Co., Ltd. DPX-S425 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech-innocore.com
Innovations in Gaming Computing
DPX®-S425
LAN 1, 2
Gigabit Ethernet
Full duplex operation
Wake-On-LAN capability
SATA Controller
2 x SATA 3Gbps ports
Power header for SATA DOM support
Compact Flash
2 x CompactFlash Type I/II headers
(Flash/MicroDrive)
CFast™
2x CFast connectors on underside
Ports
5 x RS232
2 x CCTalk/RS232
2 x RS232/TTL
1 x RS232/485
12 x USB 2.0
Keyboard/Mouse on-board
2 x I2C ports on board headers
iButton/GPIO
Bi-Directional, programmable GPIO header
for iButton, special purpose device or security
module
I/O
32 ESD protected inputs
32 OC Outputs (500mA, 50V)
Meter Connect Sensing up to 6 meters
Sound
Onboard 13W+13W+13W class D audio
amp with FL + FR + LF speaker connectors
6 channel Line level outputs
Stereo line in, SPDIF (Digital) audio in/out
ROM
1MB EPROM/OTPROM PLCC32 socket
(PCI, Bootable)
Front I/O
OEM Customization and Product
Development
ƒ Advantech-Innocore specializes in the fields of PC-based hardware design and
software development. Our in-depth knowledge and global resources make us your
ideal partner.
ƒ Advantech-Innocore is part of the Advantech Co., Ltd. Group of Companies.
ƒ Specifications subject to change. E&OE.
ƒ Copyright © 2011 Advantech Co., Ltd.
ƒ All rights reserved. Advantech-Innocore, the Advantech-Innocore Logo, DPX,
ConnectBus are trademarks of Advantech Co., Ltd. in the UK, US and other
countries.
ƒ All other trademarks are acknowledged and respected.
SRAM On-Board
4096kB fast SRAM (2 banks) on PCI bus
Battery state software readable
Security
TCPA/TPM 1.2 compliant security device
Watchdog Timer
Programmable time-out of 1-1024 seconds
EEPROM
Serial EEPROM for storage of serial numbers,
data, security keys. 32kB (option for larger)
Intrusion Detection
Six Intrusion detection input lines
Operates with and without system active
Logs date/time of last 48 events
Logs system resets/brownouts as events
EEPROM backup for 10 years retention
System Health
Monitoring
Measurement of CPU core temp. With thermal
trip. PWM fan for CPU. Monitoring up to 3
fans.
Power Fail Detect
External sensor input for advanced warning of
AC power fail
Expansion
1) Up to 240 Bytes of PCI-based I/O expansion
available through DirectPCI + interface on
board header.
2) PCI-Express x16 graphics card
Power
ATX or AT mode, typical 45-65W
Environment
Operating Temperature: 0 – 50 °C
Storage Temperature: -20 – 85 °C
Approvals
EMC: CE, FCC Class A
RoHS, WEEE
Dimensions
170 x 200mm (6.7 x 7.9”)
Rear I/O
Optional Hardware
Full System chassis
Range of PCI-E graphics cards
I/O Connector breakout board
iButton Carrier
DPX-IRC Range Reel controllers
Audio Amplifier modules
Compact Flash, SATA DOM, SSD storage devices
Benefits
Best-in-class integrated and expandable graphics capabilities
Low Power
Single board solution
Edge connector for I/O
Small size – 170 x 200 mm (6.7 x 7.9”)
Long Life Cycle
Designed for the Gaming Industry
Meets GLI and other regulatory standards
Backward compatible with DPX-S410, 112


Similar Part No. - DPX-S425

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-S425 ADVANTECH-DPX-S425_14 Datasheet
804Kb / 2P
   Intel짰 Core??i5, Core i7 Gaming Platform
More results

Similar Description - DPX-S425

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-S425 ADVANTECH-DPX-S425_14 Datasheet
804Kb / 2P
   Intel짰 Core??i5, Core i7 Gaming Platform
DPX-S410 ADVANTECH-DPX-S410 Datasheet
1Mb / 2P
   Intel짰 Core 2 Duo??Gaming Platform
DPX-S410 ADVANTECH-DPX-S410_14 Datasheet
1Mb / 2P
   Intel짰 Core 2 Duo??Gaming Platform
DPX-S435 ADVANTECH-DPX-S435_15 Datasheet
1Mb / 2P
   4th Generation Intel짰 Core??Gaming platform
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
SOM-5788 ADVANTECH-SOM-5788 Datasheet
872Kb / 2P
   Intel짰 Intel짰 Core??i7/i5 COM-Express CPU Module
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
Protech Systems Co., Lt...
PMB-811LF PROTECHSYSTEMS-PMB-811LF Datasheet
485Kb / 2P
   Intel짰 Core??i5/ i7 mobile CPU Micro ATX
PMB-871LF PROTECHSYSTEMS-PMB-871LF Datasheet
535Kb / 2P
   ATX MB with Intel짰 Core??i7/i5/i3/Pentium Core??i7/i5/i3/Pentium Dual LAN, DDR3
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com