Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-3403-D6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-3403-D6A1E
Description  Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-3403-D6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-3403-D6A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-3403-D6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
ARK-3403
Packing List
Part Number
Description
-
1 x ARK-3403 unit
-
1 x Driver/Utility CD/Manual
1960014487T00C
2 x desk/wall mount plate
1652003234
1 x 4-pin phoenix DC power connector
Ordering Information
Part Number
Description
ARK-3403-D5A1E
Intel Atom D510 1.66 GHz, w/VGA, 2 x Giga LAN,
6 x USB 2.0, 4 x COM, 2 Mini PCIe, Audio
ARK-3403-D6A1E
Intel Atom D525 1.8 GHz, w/VGA, 2 x GLAN,
6 x USB2.0 4 x COM, 2 Mini PCIe, audio
Optional Items
Part Number
Description
1757002161
AC-to-DC adapter, DC19 V/7.89A 150 W, with phoenix power
plug, 0 ~ 40° C for home and office use
1702002600
Power cable 3-pin 180 cm, USA type
1702002605
Power cable 3-pin 180 cm, EU type
1702031801
Power cable 3-pin 180 cm, UK type
1700008871
COM Cable D-SUB 9P(M)/IDE#2 10P-2.0 20 cm
1700018187
LPT cable 2 x 13p-2.0/D-SUB 25P(F) 20 cm
1700018490
LVDS cable
1700009407
DIO cable D-SUB 25P(M)/2*10P-1.25 15cm
1700009396
LVDS power cable
AMO-R010E
2 slot riser card, 1 x PCIe x1 + 1 x PCI
AMO-R013E
2 slot riser card, 2 x PCI
AMO-R009E
2 slot riser card, 2 x PCIe x1
Embedded OS
Part Number
Description
2070009923
WinCE 6.0 ARK-3403 ENG
2070009030
XPE WES2009 Luna Pier V4.0 ENG
2070010797
WES7E SPI for ARK-3403 ENG 32 bit
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
USB1
USB2
USB3
USB4eSATA
COM3
COM4 MIC
LINE OUT
LINE IN
TEMP LED
HDD LED
RESET
POWER
ON/OFF
220.0
DC IN VGA
LAN1 USB5
COM1 COM2
LAN2
USB6
ANTENNA
ANTENNA


Similar Part No. - ARK-3403-D6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3403-D6A1E ADVANTECH-ARK-3403-D6A1E Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
More results

Similar Description - ARK-3403-D6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3403 ADVANTECH-ARK-3403_14 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-5260 ADVANTECH-ARK-5260 Datasheet
2Mb / 2P
   Intel짰 Atom??D510 Fanless Embedded Box PC with Dual PCI/PCIe Expansion and Dual Mobile HDDs
ARK-5261 ADVANTECH-ARK-5261_15 Datasheet
599Kb / 2P
   Intel짰 Celeron짰 Processor J1900 Fanless Embedded BOX PC with PCI/PCIe Expansion and Dual Mobile HDDs/SSDs
ARK-5261VS ADVANTECH-ARK-5261VS_15 Datasheet
671Kb / 3P
   Intel짰 Celeron짰 Processor J1900 Fanless Embedded BOX PC with PCI/PCIe Expansion and Dual Mobile HDDs/SSDs
ARK-5261 ADVANTECH-ARK-5261_V01 Datasheet
442Kb / 2P
   Fanless Embedded Box PC with Intel짰 Celeron짰 J1900 Processor, PCI/PCIe Expansion Slots, and Dual Mobile HDDs/SSDs
13-Sep-2017
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
ARK-6320 ADVANTECH-ARK-6320_14 Datasheet
825Kb / 2P
   Intel짰 Atom??Dual Core D510/D525 with 6 COM and 8 USB Fanless Box PC
ARK-3420 ADVANTECH-ARK-3420 Datasheet
2Mb / 2P
   Intel짰 Core??2 Duo Box IPC with PCIe Expansion and Dual SATA HDDs
ARK-1503 ADVANTECH-ARK-1503 Datasheet
535Kb / 2P
   Intel짰 Atom??D525/D425 Fanless Embedded Box PC Integrated Display Interface
ARK-1503 ADVANTECH-ARK-1503_14 Datasheet
728Kb / 2P
   Intel짰 Atom??D525 Slim and Panel Mountable Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com