Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-3360F-D5A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-3360F-D5A1E
Description  Intel짰 Atom??N450/D510 High Value Fanless Embedded Box PC with 3 GigaLAN and Isolated COM Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-3360F-D5A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-3360F-D5A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-3360F-D5A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Box PCs
Features
ARK-3360F
ƒ Intel® Atom™ N450/D510 1.66 GHz Embedded Box PC
ƒ Mini PCIe and Mini PCI expansion for communication module, i.e. HSDPA,
WLAN
ƒ Supports 12 ~ 24 V wide range DC input
ƒ Supports up to 3 x GbE, 6 x USB 2.0 and 6 x COMs ports
ƒ Serial ports support RS-485 auto flow control and isolation (up to 7.5Kv)
ƒ Easy integration, easy maintenance, and wide input voltage range
ƒ Supports SUSIAccess and Embedded Software APIs
ƒ IP40
Intel® Atom™ N450/D510 High Value
Fanless Embedded Box PC with
3 GigaLAN and Isolated COM Ports
Specifications
ARK-3360F-N4A1E/ARK-3360F-D5A1E
Processor System
CPU
Intel Atom N450/D510
Max. speed
1.66 GHz
System Chipset
Intel ICH8-M
Front Side Bus
667 MHz
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
DDR2 667 MHz
Max. Capacity
2 GB
Socket
1 x 200-pin SO-DIMM
Graphics
Chipset
Intel 3.5 Gen Integrated Graphic Engine
Interface
VGA: N450 up to 1400 x 1050, D510 up to 2048 x 1536
18-bit LVDS interface (Optional)
Ethernet
LAN 1
10/100/1000 Mbps Intel 82567V Ethernet controller, support Wake On LAN
LAN 2
10/100/1000 Mbps Intel 82583V Ethernet controller, support Wake On LAN
LAN 3
10/100/1000 Mbps Intel 82541PI Ethernet controller, support Wake On LAN
Audio
Amplifier
-
Interface
Line-in, Line-out, Mic-in
IO interface
Serial Interface
1 x RS-232, 3 x RS-232/422/485, 2 x RS-422/485 with 7.5Kv isolation protection & auto flow control
USB Interface
6 x USB ports, Compliant with USB 2.0
Other
Digital I/O
8-bits
Watchdog timer
255-level timer interval, setup by software
Expansion
Mini PCI
1 x Mini PCI
Mini PCIe
1 x full-size Mini PCIe
Storage
HDD
Supports drive bay for 1 x SATA 2.5" HDD (support 9.5 mm height only)
SSD
Supports CompactFlash socket for type I/II CompactFlash disk
Software Support
Microsoft Windows
Windows 7, XP Professional, XP Embedded, WinCE 6.0
Linux
Ubuntu 10.04, QNX 6.5, Vxwork 6.8
Power Requirement
Power Type
AT/ATX
Power Input Voltage
12 VDC ~ 24 VDC
Minimum Power Input
12V-24 V, 3.0A-1. 5A
Power Adapter
AC to DC, DC19 V/3.42 A, 65 W(Optional)
Power Consumption
Typical
12 W (with Intel Atom D510 at 1.66 GHz)
Max.
16 W (with Intel Atom D510 at 1.66 GHz)
Mechanical
Construction
Aluminum housing
Mounting
DIN-rail mounting, Desk/wall-mounting
Dimensions (W x H x D)
264.5 mm x 69.2 mm x 137.25 mm (10.41" x 2.72" x 5.4")
Weight
2 kg (4.4 lb)
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 60° C (32 ~ 140° F), with 0.7m/s air flow
With 2.5-inch hard disk 0 to 45° C (32 ~ 112° F), with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration Loading During
Operation
With CompactFlash disk: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis.
With 2.5-inch hard disk: 1 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis.
Shock During Operation
With CompactFlash disk: 50 G, IEC 60068-2-27, half sine, 11 ms duration
With hard disk: 20 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI, KC
Safety Certifications
UL, CCC, BSMI, KC
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - ARK-3360F-D5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3360F-D5A1E ADVANTECH-ARK-3360F-D5A1E Datasheet
474Kb / 2P
   High Performance Mobile Intel짰 ATOM N450/D510 Fanless Solution with Dual Display and Multiple I/O
ARK-3360F-D5A1E ADVANTECH-ARK-3360F-D5A1E Datasheet
602Kb / 2P
   Intel짰 Atom??N450/D510 with 3 GbE, Isolated COM & wide range power Fanless Box PC
ARK-3360F-D5A1E ADVANTECH-ARK-3360F-D5A1E Datasheet
776Kb / 2P
   Intel Atom N450/D510 with 3 GbE, Isolated COM
More results

Similar Description - ARK-3360F-D5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3360L ADVANTECH-ARK-3360L_12 Datasheet
2Mb / 2P
   Intel짰 Atom??N450/D510 High Value Fanless Embedded Box PC with Multiple I/O
ARK-3360F ADVANTECH-ARK-3360F_14 Datasheet
602Kb / 2P
   Intel짰 Atom??N450/D510 with 3 GbE, Isolated COM & wide range power Fanless Box PC
ARK-3360L ADVANTECH-ARK-3360L_15 Datasheet
641Kb / 2P
   Intel짰 Atom??N450/D510 with Multiple I/O High Value Fanless Box PC
ARK-2120F ADVANTECH-ARK-2120F Datasheet
3Mb / 2P
   Intel짰 Atom??N2600/D2550 High Value Fanless Embedded Box PC with 3 GbE and 6 COM
ARK-3360F ADVANTECH-ARK-3360F_15 Datasheet
776Kb / 2P
   Intel Atom N450/D510 with 3 GbE, Isolated COM
logo
List of Unclassifed Man...
LEC-3010 ETC2-LEC-3010 Datasheet
336Kb / 2P
   Fanless Industrial PC with Intel짰 Atom N450
logo
Advantech Co., Ltd.
SOM-6763 ADVANTECH-SOM-6763 Datasheet
888Kb / 2P
   Intel짰 Atom N450/D510 COM-Micro CPU Module
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
ARK-6320 ADVANTECH-ARK-6320_14 Datasheet
825Kb / 2P
   Intel짰 Atom??Dual Core D510/D525 with 6 COM and 8 USB Fanless Box PC
AIMB-212_1206 ADVANTECH-AIMB-212_1206 Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com