Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-3202V Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-3202V
Description  Mobile Intel짰 Atom??N270 Fanless Solution with Dual Display and Multiple I/O
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-3202V Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-3202V Datasheet HTML 1Page - Advantech Co., Ltd. ARK-3202V Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
ARK-3202V
Packing List
Part Number
Description
-
1 x ARK-3202V Unit
-
1 x Driver/Utility CD/Manual
-
1 x User Manual (Simplified Chinese)
1960014487T00C
2 x Desk/Wall mount plate
1700018432
1 x 2-pin Phoenix DC power connector
1700018308
M Cable SCSI 26P(M)/D-SUB 9P(M)X3 COM, 10CM
1750001782
1 x Antenna GPS Active 5v 38 x 40 with 5M SMA cable
Ordering Information
Part Number
Description
ARK-3202V-S6A1E
Intel Atom N270 1.6 GHz Compact Embedded Box IPC,
w/ 2 x GbE, 5 x USB 2.0, 5 x COM, 2 x Mini PCIe, GPS,
VGA, Audio
Optional Items
Part Number
Description
1757003659
AC-to-DC Adapter, DC19 V/3.42A 65W, with Phoenix
Power Plug, 0 ~ 40° C for Home and Office Use
1757002682
AC-toDC adaptor DC19V/3.42A 65W, 0~40C, for Japan
with PSE
1700001947
Power cable 2-pin 180 cm, USA for ARK-338X
1700001948
Power cable 2-pin 180 cm, Europe for ARK-338X
1700001949
Power cable 2-pin 180 cm, UK for ARK-338X
1700008921
Power cable 3-pin 180cm, Japan for 1757002682
1652004519
3pin terminal block for ARK-3202V DC input, use with
1757002682
1700009398
LVDS power cable for ARK-3202
AMO-HSDPA01E
3.5G HSPPA Module
Embedded OS
Part Number
Description
2070009503
WES 2009 ENG/FR/GE/IT/SP
2070009504
WES2009 ENG/CHT/CHS/JPN
2070010050
Win CE 6.0 Pro
220,1
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
ON/OFF
HDD LED
PWR LED
LINE-OUT
MIC
USB2
USB1
DC INPUT
USB3
USB4
USB0
LAN-1 LAN-2
VGA
PS/2
COM-1
COM-2
COM3~5
DIO
PC/Vehicle
Mode


Similar Part No. - ARK-3202V

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3202 ADVANTECH-ARK-3202 Datasheet
381Kb / 2P
   Mobile Intel짰 ATOM N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3202F-S6A1E ADVANTECH-ARK-3202F-S6A1E Datasheet
381Kb / 2P
   Mobile Intel짰 ATOM N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3202F-S6A1E ADVANTECH-ARK-3202F-S6A1E Datasheet
1Mb / 2P
   Mobile Intel짰 Atom??N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3202L-S6A1E ADVANTECH-ARK-3202L-S6A1E Datasheet
381Kb / 2P
   Mobile Intel짰 ATOM N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3202L-S6A1E ADVANTECH-ARK-3202L-S6A1E Datasheet
1Mb / 2P
   Mobile Intel짰 Atom??N270 Fanless Solution with Dual Display and Multiple I/O
More results

Similar Description - ARK-3202V

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3202 ADVANTECH-ARK-3202_12 Datasheet
1Mb / 2P
   Mobile Intel짰 Atom??N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3202 ADVANTECH-ARK-3202 Datasheet
381Kb / 2P
   Mobile Intel짰 ATOM N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3360 ADVANTECH-ARK-3360 Datasheet
482Kb / 2P
   High Performance Mobile Intel짰 ATOM N450 Fanless Solution with Dual Display and Multiple I/O
ARK-3360L ADVANTECH-ARK-3360L Datasheet
414Kb / 2P
   High Performance Mobile Intel짰 ATOM N450/D510 Fanless Solution with Dual Display and Multiple I/O
ARK-3360F ADVANTECH-ARK-3360F Datasheet
474Kb / 2P
   High Performance Mobile Intel짰 ATOM N450/D510 Fanless Solution with Dual Display and Multiple I/O
ARK-VH200 ADVANTECH-ARK-VH200 Datasheet
600Kb / 2P
   High Performance Intel짰 Atom??Fanless Mobile DVR Solution
ARK-3360L ADVANTECH-ARK-3360L_15 Datasheet
641Kb / 2P
   Intel짰 Atom??N450/D510 with Multiple I/O High Value Fanless Box PC
PPC-L128T ADVANTECH-PPC-L128T_12 Datasheet
2Mb / 2P
   12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L157T-080-XE ADVANTECH-PPC-L157T-080-XE Datasheet
590Kb / 2P
   15" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L128T ADVANTECH-PPC-L128T Datasheet
386Kb / 2P
   12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com