Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE317-72 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE317-72
Description  3.5mm Male to 3.5mm Female Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE317-72 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE317-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE317-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE317-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE317-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Cable Assembly
Cable Type
VNA Cable
Temperature
Temperature Operating Range, deg C
-55 to +165
Size
Length, in [cm]
72 [182.88]
Diameter, in [mm]
0.47 [11.94]
.
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
2
Dielectric Type
PTFE
Jacket Material
FEP
Connector 1
Type
3.5mm Male
Configuration
Straight
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Connector 2
Type
3.5mm Female
Configuration
Straight
Inner Conductor Material and Plating
Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE317-72 REV
PE317-72
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Female Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE317-72
3.5mm Male to 3.5mm Female Test Cable 72 Inch
Length Using VNA Cable Coax, RoHS


Similar Part No. - PE317-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE317-24 PASTERNACK-PE317-24 Datasheet
244Kb / 4P
   3.5mm Male to 3.5mm Female Test Cable 24 Inch Length Using VNA Cable Coax, RoHS
PE317-36 PASTERNACK-PE317-36 Datasheet
244Kb / 4P
   3.5mm Male to 3.5mm Female Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE317-48 PASTERNACK-PE317-48 Datasheet
402Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE317-60 PASTERNACK-PE317-60 Datasheet
400Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE317-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE315-72 PASTERNACK-PE315-72 Datasheet
242Kb / 4P
   3.5mm Male to 3.5mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE317-24 PASTERNACK-PE317-24 Datasheet
244Kb / 4P
   3.5mm Male to 3.5mm Female Test Cable 24 Inch Length Using VNA Cable Coax, RoHS
PE317-36 PASTERNACK-PE317-36 Datasheet
244Kb / 4P
   3.5mm Male to 3.5mm Female Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE315-36 PASTERNACK-PE315-36 Datasheet
242Kb / 4P
   3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE315 PASTERNACK-PE315 Datasheet
333Kb / 4P
   3.5mm Male to 3.5mm Male VNA Test Cable, ROHS
PE369-48 PASTERNACK-PE369-48 Datasheet
382Kb / 4P
   3.5mm Male to 3.5mm Male Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE369-36 PASTERNACK-PE369-36 Datasheet
393Kb / 4P
   3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE321-72 PASTERNACK-PE321-72 Datasheet
242Kb / 4P
   2.92mm Male to 2.92mm Female Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE369 PASTERNACK-PE369 Datasheet
364Kb / 4P
   3.5mm Male to 3.5mm Male Test Cable Using PE-P160 Coax, RoHS
PE369-60 PASTERNACK-PE369-60 Datasheet
381Kb / 4P
   3.5mm Male to 3.5mm Male Test Cable 60 Inch Length Using PE-P160 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com