Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT5010JLL Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT5010JLL
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5010JLL Datasheet(HTML) 2 Page - Advanced Power Technology

  APT5010JLL Datasheet HTML 1Page - Advanced Power Technology APT5010JLL Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADV
ANCE
TECHNICAL
INFORMA
TION
DYNAMIC CHARACTERISTICS
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
Test Conditions
V
GS
= 0V
V
DS
= 25V
f = 1 MHz
V
GS
= 10V
V
DD
= 0.5 V
DSS
I
D
= I
D[Cont.]
@ 25°C
V
GS
= 15V
V
DD
= 0.5 V
DSS
I
D
= I
D[Cont.]
@ 25°C
R
G
= 0.6
W
MIN
TYP
MAX
4410
900
69
110
29
50
15
13
32
7
UNIT
pF
nC
ns
APT5010JLL
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (V
GS
= 0V, I
S
= -I
D[Cont.]
)
Reverse Recovery Time (I
S
= -I
D[Cont.]
, dl
S
/dt = 100A/µs)
Reverse Recovery Charge (I
S
= -I
D[Cont.]
, dl
S
/dt = 100A/µs)
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
UNIT
Amps
Volts
ns
µC
MIN
TYP
MAX
44
176
1.3
595
11.0
1 Repetitive Rating: Pulse width limited by maximum junction
3 See MIL-STD-750 Method 3471
temperature.
4 Starting Tj = +25°C, L = 1.86mH, RG = 25
W, Peak IL = 44A
2 Pulse Test: Pulse width < 380 µS, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
THERMAL CHARACTERISTICS
Symbol
RqJC
RqJA
MIN
TYP
MAX
0.28
40
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
APT's devices are covered by one or more of the following U.S.patents: 4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058
SOT-227 (ISOTOP®) Package Outline
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches)
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
* Source
Drain
Gate
*
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
* Source
Source terminals are shorted
internally. Current handling
capability is equal for either
Source terminal.


Similar Part No. - APT5010JLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT5010JLL ADPOW-APT5010JLL Datasheet
174Kb / 5P
   POWER MOS 7 MOSFET
APT5010JLLU2 ADPOW-APT5010JLLU2 Datasheet
466Kb / 7P
   ISOTOP Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APT5010JLLU2 MICROSEMI-APT5010JLLU2 Datasheet
458Kb / 7P
   ISOTOP Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APT5010JLLU3 ADPOW-APT5010JLLU3 Datasheet
467Kb / 7P
   ISOTOP Buck chopper MOSFET Power Module
logo
Microsemi Corporation
APT5010JLLU3 MICROSEMI-APT5010JLLU3 Datasheet
458Kb / 7P
   ISOTOP Buck chopper MOSFET Power Module
More results

Similar Description - APT5010JLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT1201R4BLL ADPOW-APT1201R4BLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M10JLL ADPOW-APT20M10JLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M20B2LL ADPOW-APT20M20B2LL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT30M36JLL ADPOW-APT30M36JLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
APT5016BLL ADPOW-APT5016BLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
APT5018BLL ADPOW-APT5018BLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT50M38JFLL ADPOW-APT50M38JFLL Datasheet
63Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT50M50JFLL ADPOW-APT50M50JFLL Datasheet
71Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT6010JLL ADPOW-APT6010JLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT6013B2LL ADPOW-APT6013B2LL Datasheet
70Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com