Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-1503 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-1503
Description  Intel짰 Atom??D525/D425 Fanless Embedded Box PC Integrated Display Interface
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-1503 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-1503 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-1503 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Box PCs
Features
ARK-1503
Intel® AtomD525/D425 Fanless Embedded
Box PC Integrated Display Interface
ƒ Extremely compact, sealed construction with fanless operation, supports
Intel® Atom® D525/D425 up to 1.8 GHz
ƒ Supports integrated LVDS interface, with LVDS/2*USB/Rx/Tx signal
(compliant with ITM-5115)
ƒ Supports 2 x Giga LAN and 4 USB 2.0 ports
ƒ Supports 1 x RS-232, 1 x RS-232/422/485 with Auto-flow control
ƒ Built-in 1 x Mini PCIe expansion slot for communication module, like WLAN
ƒ Supports external CF socket, 2.5" SATA HDD and easy to maintain
ƒ DC 12V power input
ƒ Supports SUSIAccess and Embedded Software APIs
ƒ IP40
Specifications
ARK-1503F-D6A1E/ARK-1503F-D4A1E
ARK-1503P-D6A1E
Processor System
CPU
Intel Atom D525/D425
Max. Speed
1.8 GHz
System Chipset
Intel ICH8-M
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
Single channel DDR3 1066/1333 MHz
Max. Capacity
4 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel Gen 3.5 DX9, MPEG2 Decode in HW
VRAM
Optimized Shared Memory Architecture up to 224 MB system memory
Interface
VGA: Supports up to 2048 x 1536 @ 60 Hz
LVDS: Single channel 24-bit LVDS up to WXGA 1366 x 768 (Integrated in I-Panel Link)
Dual Display
VGA + LVDS
Ethernet
LAN1
10/100/1000 Mbps Intel 82567V Giga Ethernet Controller, support Wake On LAN
LAN2
10/100/1000 Mbps Intel 82583V Giga Ethernet Controller, support Wake On LAN
Audio
Interfaces
Line-out
-
IO Interface
Serial Ports
1 x RS-232, 1 x RS-232/422/485 port, support Auto-flow
control
1 x RS-232
USB Interface
4 x USB ports, USB 2.0 Compliant
2 x USB ports, USB 2.0 Compliant
Digital I/O
8-bit programmable DIO
-
Watchdog timer
255-level timer interval, setup by software
Integrated LVDS Interface
DB36 with LVDS, 2 x USB, Rx/Tx and backlight control
Golden Finger Display Interface
Storage
HDD
Supports one drive bays space for SATA 2.5" HDD (support 9.5 mm height only)
SSD
Supports one external CompactFlash socket for type I/II CompactFlash disk
Expansion
Mini PCIe
1 x full-size Mini PCIe
Software Support
Microsoft Windows
Windows 7, XP Professional, XP Embedded
Power Requirement
Power Type
AT/ATX
Power Input Voltage
12 VDC
Minimum Power Input
DC 12V @ 3A (without supplying power to panel)
Power Adapter
AC-to-DC, 60W DC12V/5A
Power Consumption
Typical
12 W (with Intel Atom D525 at 1.8 GHz and w/o supplying power to panel)
Max.
17 W (with Intel Atom D525 at 1.8 GHz and w/o supplying power to panel)
Mechanical
Construction
Aluminum housing
Mounting
Desk/wall-mounting
Dimensions (W x H x D)
230.6 x 133.0 x 44.4 mm (9.08" x 5.24" x 1.75")
Weight
1.9 kg (4.18 lbs)
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 60° C, w/extend teperature HDD: 0-45° C
Storage Temperature
- 40 ~ 85° C ( -40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration Loading During
Operation
With Compact Flash/2.5" SATA SSD only: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min,
1 hr/axis
Shock During Operation
With Compact Flash/2.5" SATA SSD only: 50 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, BSMI, CCC, KCC
Safety Certifications
UL, CCC, BSMI, KCC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 10-Jan-2013


Similar Part No. - ARK-1503

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1503F-D6A1E ADVANTECH-ARK-1503F-D6A1E Datasheet
728Kb / 2P
   Intel짰 Atom??D525 Slim and Panel Mountable Fanless Box PC
ARK-1503 ADVANTECH-ARK-1503_14 Datasheet
728Kb / 2P
   Intel짰 Atom??D525 Slim and Panel Mountable Fanless Box PC
More results

Similar Description - ARK-1503

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
ARK-1503 ADVANTECH-ARK-1503_14 Datasheet
728Kb / 2P
   Intel짰 Atom??D525 Slim and Panel Mountable Fanless Box PC
ARK-3403 ADVANTECH-ARK-3403 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-3403 ADVANTECH-ARK-3403_14 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-1120 ADVANTECH-ARK-1120_13 Datasheet
564Kb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
ARK-1120 ADVANTECH-ARK-1120 Datasheet
2Mb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
logo
List of Unclassifed Man...
LEC-3013 ETC2-LEC-3013 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
logo
Protech Systems Co., Lt...
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
   Intel짰 Atom??D525 Book Size PC
logo
Advantech Co., Ltd.
ARK-6320 ADVANTECH-ARK-6320_14 Datasheet
825Kb / 2P
   Intel짰 Atom??Dual Core D510/D525 with 6 COM and 8 USB Fanless Box PC
ARK-1122 ADVANTECH-ARK-1122 Datasheet
452Kb / 2P
   Palm-size and Ultra Low Power Intel짰 Atom??N2600/N2800 Fanless Embedded Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com