Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE312-48 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE312-48
Description  SMA Male to QD SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE312-48 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE312-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE312-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE312-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE312-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to QD SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to QD SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE312-48
URL: http://www.pasternack.com/sma-male-sma-male-300-series-cable-assembly-pe312-48-p.aspx
PE312-48 REV
PE312-48
SMA Male to QD SMA Male Precision Cable 48 Inch
Length Using 160 Series Coax, RoHS


Similar Part No. - PE312-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE312-12 PASTERNACK-PE312-12 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE312-120 PASTERNACK-PE312-120 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE312-24 PASTERNACK-PE312-24 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE312-36 PASTERNACK-PE312-36 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE312-60 PASTERNACK-PE312-60 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE312-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE312-120 PASTERNACK-PE312-120 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE312-12 PASTERNACK-PE312-12 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE312-60 PASTERNACK-PE312-60 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE312-24 PASTERNACK-PE312-24 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE312-36 PASTERNACK-PE312-36 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE312-72 PASTERNACK-PE312-72 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 72 Inch Length Using 160 Series Coax, RoHS
PE300-48 PASTERNACK-PE300-48 Datasheet
252Kb / 4P
   SMA Male to SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE308-48 PASTERNACK-PE308-48 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE301-48 PASTERNACK-PE301-48 Datasheet
242Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE311-48 PASTERNACK-PE311-48 Datasheet
227Kb / 4P
   SMA Male to Push-On SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com