Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0460152003 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 0460152003
Description  PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0460152003 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 0460152003 Datasheet HTML 5Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 6Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 7Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 8Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 9Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 10Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 11Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 12Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 13Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2011-0141
C1
DATE:
2010 /07/15
TITLE:
PRODUCT SPECIFICATION FOR
MINI-FIT PLUS HCS
CONNECTOR SYSTEM
9 of 13
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-45750-001
BWIRKUS
BWIRKUS
APATEL
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
6.2 MECHANICAL REQUIREMENTS (CON’D)
ITEM
TEST
TEST PROCEDURE
REQUIREMENT
Tin
4.45 N (1.00 lbf)
MINIMUM
12
Header Solid Pin
Retention Force
in Housing
Axial pullout force on the terminal in the
housing at a rate of 25 ± 6 mm (1 ± ¼ inch)
per minute.
Gold
4.45 N (1.00 lbf)
MINIMUM
13
Header Stamped Pin
Retention Force
in Housing
Axial pullout force on terminal from housing
at a rate of 25 ± 6 mm (1 ± ¼ inch) per
minute.
30 N (6.74 lbf)
MINIMUM retention force
14
PCB Peg
Engagement and
Separation Forces
Engage and separate a connector at a rate
of 25 ± 6 mm (1 ± ¼ inch) per minute.
(Applies to parts with PCB retention
features only)
98.0 N (22.0 lbf)
MAX. insertion force;
10.0 N (2.24 lbf)
MIN. withdrawal force
6.3 ENVIRONMENTAL REQUIREMENTS
ITEM
TEST
TEST PROCEDURE
REQUIREMENT
1a
Temperature Life
Group 1
Per EIA-364-17, method A: mate
connectors and expose to 240 hours at 105
± 2°C.
10 m
Max. chg. from Initial;
Visual: No Damage
1b
Temperature Life
(preconditioning)
Groups 3 & 5
Per EIA-364-17, method A: mate
connectors and expose to 120 hours at 105
± 2°C.
10 m
Max. chg. from Initial;
Visual: No Damage
1c
Temperature Life
(preconditioning)
Group 4
Per EIA-364-17, method A: mate
connectors and expose to 300 hours at 105
± 2°C.
10 m
Max. chg. from Initial;
Visual: No Damage
2
Thermal
Shock
Per EIA-364-32, method A, test condition I,
test duration A-4: mate connectors and
expose for 10 cycles between –55°C and
105° C; dwell 0.5 hours at each
temperature.
10 m
Max. chg. from Initial;
Visual: No Damage
Dielectric Strength per 5.1.3
Insulation Resistance per 5.1.2
3
Cyclic Temperature
& Humidity
Per EIA-364-31, method III w/o
conditioning, initial measurements, cold
shock and vibration. Cycle mated
connectors between 25°C ±3°C @ 80%
±3% RH and 65°C ±3°C @ 50% ±3RH.
Ramp time: 0.5 hr.; dwell time: 1 hr.
Perform 24 cycles.
10 m
Max. chg. from Initial;
Visual: No Damage


Similar Part No. - 0460152003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152002 MOLEX11-0460152002 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152006 MOLEX11-0460152006 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
More results

Similar Description - 0460152003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152202 MOLEX11-0460152202 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152403 MOLEX11-0460152403 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152406 MOLEX11-0460152406 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152206 MOLEX11-0460152206 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152402 MOLEX11-0460152402 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152407 MOLEX11-0460152407 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152002 MOLEX11-0460152002 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152006 MOLEX11-0460152006 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
45750-0111 MOLEX-45750-0111 Datasheet
103Kb / 2P
   Mini-Fit Plus HCS??Terminal
0639041400 MOLEX11-0639041400 Datasheet
32Kb / 1P
   FineAdjust Applicator for Mini-Fit Jr., Mini-Fit HCS, and Mini-Fit Plus HCS Crimp Terminals, 16 AWG with Large Insulation Diameters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com