Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT40GF120JRD Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT40GF120JRD
Description  The Fast IGBT??is a new generation of high voltage power IGBTs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GF120JRD Datasheet(HTML) 2 Page - Advanced Power Technology

  APT40GF120JRD Datasheet HTML 1Page - Advanced Power Technology APT40GF120JRD Datasheet HTML 2Page - Advanced Power Technology APT40GF120JRD Datasheet HTML 3Page - Advanced Power Technology APT40GF120JRD Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Cies
Coes
Cres
Qg
Qge
Qgc
td(on)
tr
td(off)
tf
td(on)
tr
td(off)
tf
Eon
Eoff
Ets
td(on)
tr
td(off)
tf
Ets
gfe
DYNAMIC CHARACTERISTICS (IGBT)
APT40GF120JRD
UNIT
°C/W
oz
gm
lb•in
N•m
MIN
TYP
MAX
0.32
0.66
20
1.03
29.2
10
1.1
Characteristic
Junction to Case (IGBT)
Junction to Case (FRED)
Junction to Ambient
Package Weight
Mounting Torque (Mounting = 8-32 or 4mm Machine and Terminals = 4mm Machine)
Symbol
RΘJC
RΘJA
WT
Torque
THERMAL AND MECHANICAL CHARACTERISTICS (IGBT and FRED)
Test Conditions
Capacitance
VGE = 0V
VCE = 25V
f = 1 MHz
Gate Charge
VGE = 15V
VCC = 0.5VCES
IC = IC2
Resistive Switching (25
°C)
VGE = 15V
VCC = 0.8VCES
IC = IC2
RG = 5Ω
Inductive Switching (150
°C)
VCLAMP(Peak) = 0.66VCES
VGE = 15V
IC = IC2
RG = 5Ω
TJ = +150°C
Inductive Switching (25
°C)
VCLAMP(Peak) = 0.66VCES
VGE = 15V
IC = IC2
RG = 5Ω
TJ = +25°C
VCE = 20V, IC = IC2
MIN
TYP
MAX
3500
4700
490
700
230
345
320
30
200
35
130
215
145
35
90
400
140
4.5
5.0
9.5
35
100
340
105
8.0
6
UNIT
pF
nC
ns
ns
mJ
ns
mJ
S
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Emitter Charge
Gate-Collector ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Switching Energy 4
Turn-off Switching Energy
Total Switching Losses 4
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Total Switching Losses 4
Forward Transconductance
1
Repetitive Rating: Pulse width limited by maximum junction temperature.
2
Leakages include the FRED and IGBT.
3
See MIL-STD-750 Method 3471
4
Switching losses include the FRED and IGBT.
APT Reserves the right to change, without notice, the specifications and information contained herein.


Similar Part No. - APT40GF120JRD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT40GF120JRDQ2 MICROSEMI-APT40GF120JRDQ2 Datasheet
577Kb / 9P
   FAST IGBT & FRED
More results

Similar Description - APT40GF120JRD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GF60B2RD ADPOW-APT50GF60B2RD Datasheet
112Kb / 7P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT33GF120HR ADPOW-APT33GF120HR Datasheet
26Kb / 2P
   The Fast IGBT is a new generation of high voltage power IGBTs
APT60GF120JRD ADPOW-APT60GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT100GF60JRD ADPOW-APT100GF60JRD Datasheet
77Kb / 5P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT20GF120BR ADPOW-APT20GF120BR Datasheet
74Kb / 5P
   The Fast IGBT is a new generation of high voltage power IGBTs.
APT50GF60BR ADPOW-APT50GF60BR Datasheet
82Kb / 5P
   The Fast IGBT is a new generation of high voltage power IGBTs.
APT20GF120BRD ADPOW-APT20GF120BRD Datasheet
114Kb / 8P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT50GF120JRD ADPOW-APT50GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT33GF120B2RD ADPOW-APT33GF120B2RD Datasheet
141Kb / 8P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT100GF60B2R ADPOW-APT100GF60B2R Datasheet
38Kb / 3P
   The Fast IGBT is a new generation of high voltage power IGBTs.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com