Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0453391603 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 0453391603
Description  0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0453391603 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 0453391603 Datasheet HTML 4Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 5Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 6Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 7Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 8Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 9Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 10Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 11Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2006- 1391
A
DATE:
2005/12/13
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
8 of 26
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45339-001
M. Simmel
Marc Simmel
Joe Comerci
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
5.2.3
Reflow Profile
While the production solder reflow profile is typically established by the customer, based on their specific application, generic reflow
profiles can be found
in Product Specification PS-44828-001. The profiles are provided for reference purposes only.
5.2.4
Inspection
Solder joints should be inspected using established conventional methods.
5.3 45339 Plug Module for Wire Termination
5.3.1
Applicable Wire Sizes
Copper conductor size: 22 to 34 AWG (stranded wires are recommended for flexibility) may be used,
however, 22 to 28 AWG conductors are necessary to transmit 1.5 Amperes DC continuously.
Maximum insulation diameter: 1.6mm
NOTE: Small conductor sizes are suitable for the transmission of digital signals, and may improve wire bundle flexibility and harness
workability.
5.3.2
Wire Preparation
Strip length: 2.0 ~ 2.5mm
Pre-tinning is recommended.
5.3.3
Inspection
Solder joints should be inspected using established conventional methods
.
5.4 45593 Plug Module for PCB Termination
5.4.1
PCB Layout
See the applicable Sales Drawing for an illustration of the recommended PCB hole layout.
5.4.2
Inspection
Solder joints should be inspected using established conventional methods
.


Similar Part No. - 0453391603

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0453391603 MOLEX1-0453391603 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
0453391603 MOLEX1-0453391603_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
More results

Similar Description - 0453391603

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391600 MOLEX11-0453391600 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391601 MOLEX11-0453391601 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391605 MOLEX11-0453391605 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
0453391603 MOLEX1-0453391603_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
0453391602 MOLEX1-0453391602_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,8,15 voided)
0453391607 MOLEX1-0453391607 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 1,2,3,8,9,10,11,12,13,14,15 voided)
0453391604 MOLEX1-0453391604_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 7,10,11,14,15,16 voided)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com