Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE304-60 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE304-60
Description  SMA Male to N Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE304-60 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE304-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE304-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE304-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE304-60 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to N Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
Configuration
Connector 1
SMA Male
Connector 2
N Male
Cable Type
160 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,200
Typical Performance by Frequency
Frequency 1
Frequency, GHz
2
VSWR
1.1:1
Frequency 2
Frequency, GHz
6
VSWR
1.12:1
Frequency 3
Frequency, GHz
10
VSWR
1.1:1
Frequency 4
Frequency, GHz
14
VSWR
1.13:1
Frequency 5
Frequency, GHz
16
VSWR
1.14:1
Frequency 6
Frequency, GHz
18
VSWR
1.14:1
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS PE304-60
PE304-60 REV
PE304-60
SMA Male to N Male Precision Cable 60 Inch
Length Using 160 Series Coax, RoHS


Similar Part No. - PE304-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE304-12 PASTERNACK-PE304-12 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE304-120 PASTERNACK-PE304-120 Datasheet
239Kb / 4P
   SMA Male to N Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE304-24 PASTERNACK-PE304-24 Datasheet
239Kb / 4P
   SMA Male to N Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE304-36 PASTERNACK-PE304-36 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE304-48 PASTERNACK-PE304-48 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE304-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300-60 PASTERNACK-PE300-60 Datasheet
252Kb / 4P
   SMA Male to SMA Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE312-60 PASTERNACK-PE312-60 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE308-60 PASTERNACK-PE308-60 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE302-60 PASTERNACK-PE302-60 Datasheet
235Kb / 4P
   N Male to N Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE306-60 PASTERNACK-PE306-60 Datasheet
235Kb / 4P
   SMA Female to N Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE304-36 PASTERNACK-PE304-36 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE304-120 PASTERNACK-PE304-120 Datasheet
239Kb / 4P
   SMA Male to N Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE311-60 PASTERNACK-PE311-60 Datasheet
227Kb / 4P
   SMA Male to Push-On SMA Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE304-24 PASTERNACK-PE304-24 Datasheet
239Kb / 4P
   SMA Male to N Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE301-60 PASTERNACK-PE301-60 Datasheet
241Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com