Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0453391600 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 0453391600
Description  0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0453391600 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 0453391600 Datasheet HTML 7Page - Molex Electronics Ltd. 0453391600 Datasheet HTML 8Page - Molex Electronics Ltd. 0453391600 Datasheet HTML 9Page - Molex Electronics Ltd. 0453391600 Datasheet HTML 10Page - Molex Electronics Ltd. 0453391600 Datasheet HTML 11Page - Molex Electronics Ltd. 0453391600 Datasheet HTML 12Page - Molex Electronics Ltd. 0453391600 Datasheet HTML 13Page - Molex Electronics Ltd. 0453391600 Datasheet HTML 14Page - Molex Electronics Ltd. 0453391600 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2006- 1391
A
DATE:
2005/12/13
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
11 of 26
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45339-001
M. Simmel
Marc Simmel
Joe Comerci
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
6.2
Ingress Protection
Ingress protection, as described by IEC 60529, is a function of the customer’s enclosure. The HandyLink™ Receptacle Connector has
been designed to facilitate enclosure design when ingress protection is required. The interfaces between the metal and plastic
components of the connector are sealed to discourage intrusion of dust and liquid through the connector into the enclosure. The
customer is expected to design an appropriate seal around the periphery of the connector to adequately seal the finished enclosure.
Contact Molex for additional information.
Gaskets may be applied to the top and sides, or
front surfaces.
The bottom surface, once soldered, forms a continuous seal with the PCB
Figure 4. Sealing to achieve ingress protection with the receptacle connector


Similar Part No. - 0453391600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0453391601 MOLEX11-0453391601 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX1-0453391602 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,8,15 voided)
0453391602 MOLEX1-0453391602_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,8,15 voided)
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
More results

Similar Description - 0453391600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391601 MOLEX11-0453391601 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391605 MOLEX11-0453391605 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
0453391603 MOLEX1-0453391603_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
0453391602 MOLEX1-0453391602_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,8,15 voided)
0453391607 MOLEX1-0453391607 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 1,2,3,8,9,10,11,12,13,14,15 voided)
0453391604 MOLEX1-0453391604_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 7,10,11,14,15,16 voided)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com