Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9530 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9530
Description  BNC Male to Reverse Polarity BNC Female Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9530 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9530 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9530 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male to Reverse Polarity BNC Female Adapter
Configuration
Connector 1
BNC Male
Impedance 1
50 Ohms
Connector 2
BNC Female Reverse Polarity
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.212 [30.78]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
BNC Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Female Reverse Polarity
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-bnc-female-straight-adapter-pe9530-p.aspx
BNC Male to Reverse Polarity BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
BNC Male to Reverse Polarity BNC Female Adapter
PE9530
PE9530 REV


Similar Part No. - PE9530

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9531 PASTERNACK-PE9531 Datasheet
247Kb / 2P
   TNC Female to Reverse Polarity TNC Male Adapter
PE9532 PASTERNACK-PE9532 Datasheet
240Kb / 2P
   TNC Male to Reverse Polarity TNC Female Adapter
PE9533 PASTERNACK-PE9533 Datasheet
244Kb / 2P
   SMA Female to Reverse Polarity SMA Male Adapter
PE9534 PASTERNACK-PE9534 Datasheet
244Kb / 2P
   SMA Male to Reverse Polarity SMA Female Adapter
PE9535 PASTERNACK-PE9535 Datasheet
464Kb / 3P
   N Male to 7/16 DIN Male Adapter
More results

Similar Description - PE9530

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9529 PASTERNACK-PE9529 Datasheet
240Kb / 2P
   BNC Female to Reverse Polarity BNC Male Adapter
PE91087 PASTERNACK-PE91087 Datasheet
362Kb / 4P
   Reverse Polarity TNC Female to BNC Male Adapter
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
   BNC Male to BNC Female Adapter
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
   BNC Male to BNC Triax Female Adapter
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
   BNC Male to BNC Female Right Angle Adapter
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
   BNC Male to BNC Female Right Angle Adapter
logo
Pomona Electronics
6700 POMONA-6700 Datasheet
17Kb / 1P
   BNC Male to Dual BNC Female Straight Adapter
logo
Pasternack Enterprises,...
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
   BNC Female to BNC Female Adapter
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
   BNC Female to BNC Female Adapter
PE9000 PASTERNACK-PE9000 Datasheet
246Kb / 3P
   BNC Male to BNC Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com