Electronic Components Datasheet Search |
|
CXO-292G Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation |
|
CXO-292G Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation |
|
1 / 1 page Features • Output frequency of 1 to 52MHz is available • Clock crystal oscillator for industrial equipment Standard frequency • 27MHz How to Order FO 27.0000000 M □□□□□□□ ① ② ③ ④ ①Function FO →CXO ② Output Frequency ③Frequency Unit M →MHz ④ Individual Specification Frequency tolerance Model name Frequency tolerance ×10-6 1pin connection CXO-292A ±100 NC CXO-292B Enable/ Disable CXO-292C ±50 NC CXO-292D Enable/ Disable CXO-292E ±25 NC CXO-292F Enable/ Disable CXO-292G ±20 NC CXO-292H Enable/ Disable RoHS Compliant Specifications Item Symbol Conditions Min. Max. Units Frequency Range fO — 1 52 MHz Frequency tolerance f_tol Initial tolerance and Temperature charactoristic Figure 1 ×10-6 Storage Temperature Range T_stg — -20 +85 °C Operating Temperature Range T_use — -10 +70 °C Supply Voltage VCC — 4.75 5.25 V Current Consumption ICC — — 45 mA Frequency Aging f_age 1 year -5 +5 ×10-6 CMOS Load L_CMOS — — 15 pF Low Level Output Voltage VOL — — 10% VCC V High Level Output Voltage VOH — 90% VCC — V Symmetry Symmetry @50% VCC 40 60 % Low Level Input Voltage VIL Only Enable/ Disablefunctionat1pinconnection — 30% VCC V High Level Input Voltage VIH Only Enable/ Disablefunctionat1pinconnection 70% VCC — V Dimensions (Unit: mm) 20.8 max. 15.24±0.5 4−φ0.45±0.2 12.20±0.5 7.62±0.5 CXO-292H 27.0000MHz 0501 ● KC JAPAN No. 14 Pin No. 1 Pin No. 7 Pin No. 8 Pin Pin Connection No. 1 NC or Enable/ Disable No. 7 GND No. 8 OUTPUT No.14 VCC Enable/ Disable Function Pin 1 Pin 8 Open Active "H" Level Active "L" Level High Z (OUTPUT Stop) Simple Packaged Crystal Oscillators CXO-292 Series |
Similar Part No. - CXO-292G |
|
Similar Description - CXO-292G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |