Electronic Components Datasheet Search |
|
SOM-3565M4-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd. |
|
SOM-3565M4-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd. |
1 / 2 page Qseven CPU Module Features Intel® Atom™ Processor N2600 Qseven CPU Module SOM-3565 Watchdog GPIO H/W Monitor I2C SMBus Utilities: Software APIs: Brightness Control Embedded Intel® Atom™ Processor N2600 + NM10 Intel Gfx support DX9 and OpenGL 3.0 Supports 18 bit LVDS Supports up to DDR3 2GB onboard memory Support 3 PCIe x1, 1 LPC, 2 SATAII, 8 USB2.0 Supports iManager, SUSIAccess and Embedded Software APIs Specifications Form Factor QSeven Processor System CPU Intel Atom Processor N2600 1.6 GHz, 1 MB L2 Cache System Chipset NM10 BIOS AMI 16 Mbit Flash BIOS Memory Technology Support DDR3 800 MHz Max. Capacity 2 GB on board memory Display Chipset Intel Gfx integrated in Atom Processor Graphic Engine Intel Gfx 400 MHz for N2600, supports DX9, OpenGL 3.0, MPEG2/VC1/H.264 HW Decoder LVDS 18-bit up to 1366x768 DDI 1 port for DisplayPort/ HDMI/ DVI HDMI 1920 x 1200 DVI 1920 x 1200 DisplayPort 1600 x 1200 Dual Display LVDS + DP/HDMI/DVI Ethernet Chipset Intel 82574L Gigabit Ethernet Speed 10/100/1000 Mbps WatchDog Timer 65536 level timer interval, from 0~65535 sec, multi-level, multi-option watchdog timer Expansion 3 PCIe x1 (Option for 4 PCIe x1), LPC, SMBus, I2C Bus I/O SATA 2 SATAII (300 MB/s) (option for 1 SATAII and 1 on-board SSD) USB 8 USB 2.0 Audio High definition audio interface GPIO 8 Bits (through SDIO pins) Power Power Type ATX, AT Power Supply Voltage 5V/ 5V standby Environment Operating Temperature 0 ~ 60° C (32 ~ 140° F) Operating Humidity 0% ~ 90% relative humidity, non-condensing Mechanical Dimensions 70 x 70 mm (2.75" x 2.75") Monitoring BIOS flash Embedded Security ID NEW All product specifications are subject to change without notice Last updated : 22-Feb-2013 |
Similar Part No. - SOM-3565M4-S6A1E |
|
Similar Description - SOM-3565M4-S6A1E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |