Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIMB-U01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SIMB-U01
Description  Intel짰 LGA775 Core?? Quad, Core?? Duo MicroATX with VGA, 2 COM and LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SIMB-U01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SIMB-U01 Datasheet HTML 1Page - Advantech Co., Ltd. SIMB-U01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semi-Industrial Motherboards
Features
SIMB-U01
ƒ Intel LGA775 socket supports Intel® Core 2 Quad/Core 2 Duo/Pentium/
Celeron processor
ƒ Intel Q45 + ICH10DO chipset supports Intel AMT 5.0
ƒ Four 240-pin DDR2 DIMM 667/ 800 MHz, up to 8 GB
ƒ Intel Graphics Media Accelerator 4500
ƒ Realtek ALC888, 5.1 + 2 Channel with 2 independent HD Streaming Audio
ƒ Intel 82567LM Gigabit LAN
ƒ 1 x PCIe x16, 1 x PCIe x1, 2 x PCI, 1 x IDE
ƒ 2 COM, 12 USB 2.0, 6 SATA II, 16-bit GPIO, 1 LPT
ƒ 6 SATA II support RAID 0, 1, 5, 10
ƒ Intel Integrated TPM 1.2
Specifications
Processor System
CPU
Intel Core2 Quad
Intel Core2 Duo
Intel Pentium Dual-Core
Intel Celeron
Max. Speed
Q9400 2.66 GHz
E8400 3.0 GHz
E6500 2.6 GHz
440 2.0 GHz
L2 Cache
6 MB
6 MB
2 MB
512 KB
Chipset
Intel Q45 + ICH10DO
BIOS
AMI 32 Mbit , SPI
Front Side Bus
800/1066/1333 MHz
Expansion Slots
PCI
32-bit/33 MHz, 2 slot
PCIe x16
4.0 GB/s per direction, 1 slot
PCIe x1
250 MB/s per direction, 1 slot
Full-size Mini-PCIe
-
Memory
Technology
Dual channel DDR2 667/800 MHz
Max. Capacity
8 GB
Socket
4 x 240-pin DIMM
Graphics
Controller
Intel Graphics Media Accelerator 4500 integrated
VRAM
Intel DVMT 4.0 supports up to 352 MB video memory
VGA
1, on board GMA 4500
LVDS
Through ADD2 LVDS Card
DVI
Through ADD2 DVI Card
HDMI
Through ADD2 HDMI Card
Dual Display
-
Ethernet
Interface
10/100/1000 Mbps
Controller
Intel 82567LM
Connector
RJ-45 x 1
SATA
Max Data Transfer Rate
300 MB/s
Channel
6
EIDE
Mode
ATA 100/66/33
Channel
1 (max. 2 devices)
Rear I/O
VGA
1
DVI
-
Ethernet
1
USB
4 (USB 2.0)
Audio
3 (Line-out, Line-in, Mic-in)
Parallel
1 (LPT)
Serial
1 (RS-232)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connectors
USB
8 (USB 2.0)
Serial
1 (RS-232)
IDE
1
SATA
6 (SATA II)
Parallel
-
GPIO
16-bit (8-bit DI and 8-bit DO)
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Security
TPM
Intel integrated TPM 1.2
Power Requirements
Power On
+12 V
+5 V
+3.3 V
5 Vsb
6.05 A
3.27 A
1.68 A
2.01 A
Environment
Temperature
Operating
Non-Operating
0 ~ 50° C (32 ~ 122° F)
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
244 mm x 244 mm (9.6" x 9.6")
Intel® LGA775 Core™2 Quad, Core™2 Duo
MicroATX with VGA, 2 COM and LAN
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 11-Jun-2012


Similar Part No. - SIMB-U01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SIMB-U01-6VG00A1E ADVANTECH-SIMB-U01-6VG00A1E Datasheet
576Kb / 2P
   Intel짰 Core?? Quad LGA775, Core?? Duo MicroATX with VGA, 2 COM, and LAN
More results

Similar Description - SIMB-U01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SIMB-U01-6VG00A1E ADVANTECH-SIMB-U01-6VG00A1E Datasheet
576Kb / 2P
   Intel짰 Core?? Quad LGA775, Core?? Duo MicroATX with VGA, 2 COM, and LAN
AIMB-566 ADVANTECH-AIMB-566 Datasheet
312Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo MicroATX with VGA/DVI, 2 COM, and LAN
24-Mar-2009
AIMB-566 ADVANTECH-AIMB-566_12 Datasheet
1Mb / 2P
   Intel짰 Core?? Quad/Core?? Duo LGA775 MicroATX with CRT/DVI, 2 COM, and LAN
AIMB-564 ADVANTECH-AIMB-564 Datasheet
282Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo/MicroATX with VGA, PCIe, SW RAID, and LAN
28-April-2009
AIMB-766 ADVANTECH-AIMB-766_12 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core??2 Quad/Core??2 Duo ATX with VGA, 4 COM, and Dual LAN
SIMB-A01 ADVANTECH-SIMB-A01_14 Datasheet
417Kb / 2P
   Intel짰 LGA775 Core?? Quad / Core?? Duo ATX with VGA, 4 COM and Dual LAN
SIMB-A01 ADVANTECH-SIMB-A01 Datasheet
808Kb / 2P
   Intel짰 LGA775 Core?? Quad / Core?? Duo ATX with VGA, 4 COM and Dual LAN
AIMB-766 ADVANTECH-AIMB-766 Datasheet
338Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo ATX with VGA, 4 COM, and Dual LAN
AIMB-262 ADVANTECH-AIMB-262 Datasheet
1Mb / 3P
   Intel짰 LGA775 Core??2 Duo Mini-ITX with VGA, 4 COM, and LAN
09-Nov-2009
AIMB-564 ADVANTECH-AIMB-564_12 Datasheet
1Mb / 2P
   Intel짰 Core?? Quad/Core?? Duo LGA775 MicroATX with CRT, PCIe, SW RAID, and LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com