Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30GT60BRD Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT30GT60BRD
Description  The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30GT60BRD Datasheet(HTML) 3 Page - Advanced Power Technology

  APT30GT60BRD Datasheet HTML 1Page - Advanced Power Technology APT30GT60BRD Datasheet HTML 2Page - Advanced Power Technology APT30GT60BRD Datasheet HTML 3Page - Advanced Power Technology APT30GT60BRD Datasheet HTML 4Page - Advanced Power Technology APT30GT60BRD Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C
= 100
°C, Duty Cycle = 0.5)
RMS Forward Current
Non-Repetitive Forward Surge Current (T
J
= 45
°C, 8.3ms)
Symbol
V
R
V
RRM
V
RWM
I
F
(AV)
I
F
(RMS)
I
FSM
Symbol
V
F
I
RM
L
S
Characteristic / Test Conditions
I
F
= 30A
Maximum Forward Voltage
I
F
= 60A
I
F
= 30A, T
J
= 150
°C
Maximum Reverse Leakage Current
V
R
= V
R
Rated
V
R
= V
R
Rated, T
J
= 125
°C
Series Inductance (Lead to Lead 5mm from Base)
STATIC ELECTRICAL CHARACTERISTICS (FRED)
UNIT
Volts
Amps
UNIT
Volts
µA
nH
MIN
TYP
MAX
1.8
1.5
1.6
250
500
10
APT30GT60BRD
600
30
70
320
MAXIMUM RATINGS (FRED)
All Ratings: TC = 25°C unless otherwise specified.
ULTRAFAST SOFT RECOVERY PARALLEL DIODE
Maximum Reverse Leakage Current
MIN
TYP
MAX
50
65
50
80
155
155
410
7.5
15
100
300
5
5
400
200
UNIT
ns
Amps
nC
Volts
A/
µs
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A/
µs, V
R
= 30V, T
J
= 25
°C
Reverse Recovery Time
T
J
= 25
°C
I
F
= 30A, di
F
/dt = -240A/
µs, V
R
= 350V
T
J
= 100
°C
Forward Recovery Time
T
J
= 25
°C
I
F
= 30A, di
F
/dt = 240A/
µs, V
R
= 350V
T
J
= 100
°C
Reverse Recovery Current
T
J
= 25
°C
I
F
= 30A, di
F
/dt = -240A/
µs, V
R
= 350V
T
J
= 100
°C
Recovery Charge
T
J
= 25
°C
I
F
= 30A, di
F
/dt = -240A/
µs, V
R
= 350V
T
J
= 100
°C
Forward Recovery Voltage
T
J
= 25
°C
I
F
= 30A, di
F
/dt = 240A/
µs, V
R
= 350V
T
J
= 100
°C
Rate of Fall of Recovery Current
T
J
= 25
°C
I
F
= 30A, di
F
/dt = -240A/
µs, V
R
= 350V (See Figure 10)
T
J
= 100
°C
DYNAMIC CHARACTERISTICS (FRED)
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
APT30GT60BRD


Similar Part No. - APT30GT60BRD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30GT60BRDL MICROSEMI-APT30GT60BRDL Datasheet
202Kb / 9P
   Resonant Mode Combi IGBT
APT30GT60BRDLG MICROSEMI-APT30GT60BRDLG Datasheet
202Kb / 9P
   Resonant Mode Combi IGBT
logo
Advanced Power Technolo...
APT30GT60BRDQ2 ADPOW-APT30GT60BRDQ2 Datasheet
435Kb / 9P
   Thunderbolt IGBT
APT30GT60BRDQ2G ADPOW-APT30GT60BRDQ2G Datasheet
435Kb / 9P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT30GT60BRDQ2G MICROSEMI-APT30GT60BRDQ2G Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results

Similar Description - APT30GT60BRD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30GT60CR ADPOW-APT30GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT12GT60BR ADPOW-APT12GT60BR Datasheet
24Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs
APT60GT60JRD ADPOW-APT60GT60JRD Datasheet
75Kb / 5P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT30GT60KR ADPOW-APT30GT60KR Datasheet
25Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60AR ADPOW-APT20GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60CR ADPOW-APT20GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT60GT60JR ADPOW-APT60GT60JR Datasheet
32Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT8GT60KR ADPOW-APT8GT60KR Datasheet
87Kb / 4P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT30GT60AR ADPOW-APT30GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT15GT60BR ADPOW-APT15GT60BR Datasheet
24Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT15GT60KR ADPOW-APT15GT60KR Datasheet
25Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com