Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9588L-M0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-9588L-M0A1E
Description  Intel짰 Celeron짰 M Processor EBX SBC with DVI, TTL, VGA, LVDS, Ethernet, 6 COM, 2 SATA, 6 USB 2.0, PC/104-Plus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9588L-M0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-9588L-M0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9588L-M0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.25"/ EBX/ EPIC Single Board Computers
Features
PCM-9588
Intel® Celeron® M Processor EBX SBC with
DVI, TTL, VGA, LVDS, Ethernet, 6 COM,
2 SATA, 6 USB 2.0, PC/104-Plus
ƒ Intel® Celeron® M Processor ultra low power
ƒ UL60601 Ethernet Port design (GbE is optional by request)
ƒ Display combination: VGA + LVDS / DVI + LVDS/ DVI + VGA/ VGA + TTL
ƒ 6 COM (Supports auto flow control), 2 SATA, 6 USB 2.0, 16-bit GPIO ports
ƒ Supports LCD backlight turn-off, brightness control
ƒ Supports embedded software APIs and Utilities
Specifications
Processor System
CPU
Intel Celeron M Processor 600 MHz
Intel Celeron M Processor 1 GHz
Front Side Bus
400 MHz
400 MHz
L2 Cache
512 KB
0 KB
Chipset
Intel 910GMLE + ICH6M
Intel 910GMLE + ICH6M
BIOS
Award 4-Mbit
Award 4-Mbit
Memory
Technology
DDR2 400 MHz
Max. Capacity
2 GB
Socket
1 x 200-pin SODIMM
Display
Chipset
Intel 910GMLE
VRAM
DVMT 3.0 supports up to 128 MB
Graphics Engine
Mobile Intel GMA 900 3D/2D engine
LVDS
1 x LVDS, single channel 18/24-bit or dual channel 36/48-bit LVDS
VGA
up to QXGA (2048 x 1536)
TTL LCD
18/36-bit TTL (PCM-9588T version)
DVI
Yes (PCM-9588F version)
Dual Display
VGA+ LVDS / DVI+ LVDS/ DVI+ VGA/ VGA+ TTL
Ethernet
Speed
10/100 Mbps on Ethernet (10/100/1000 Mbps is optional)
Controller
Realtek RTL8100CL-LF (Optional RTL8110SCL-LF for GbE)
Connector
Box header
Audio
Chipset
ALC203 AC97, Line-in, Line-out, Mic-in, speaker out (R/L)
Amplifier
Max 2.2W/ch Stereo into a 3
Ω Load
WatchDog Timer
Output
System reset
Interval
Programmable 1 ~ 255 level
Storage
CompactFlash
CompactFlash type I/II
SATA
2 SATA (Max. Data Transfer Rate 150 MB/s)
IDE
1 x EIDE (UDMA 33/66/100)
Floppy
1 x FDD (Optional)
Internal I/O
Serial
4 x RS-232 (COM1~4)
2 x RS-422/485 (COM5/6, default RS-422/485, RS-232 with TX/RX only is optional by request)
ESD protection for RS-232: Air gap ±15kV, Contact ±8kV
Ethernet
Ethernet x 1 (RJ-45 connector through the cable)
PS/2 KB/Mouse
1
VGA
1
USB
6 x USB 2.0
IDE
1 x EIDE (UDMA 33/66/100)
Parallel(LPT)
1
FDD
Share with LPT (Optional)
GPIO
16-bit general purpose input/output
IrDA
115 kbps (optional by request) shared from COM2
Expansion
PC/104-Plus Slot
1
PCI Slot
1
Power
Power Type
AT / ATX
Power Supply Voltage
ATX: 5 V STB, +5 V ± 5%, +12 V ± 10%, external 12 V option for LCD Inverter, PCI & PCI-104 Plus
AT: 5 V only to boot up, external 12 V option for LCD Inverter, PCI & PC/104 Plus
Power Consumption (Typical)
PCM-9588F-S0A1E: 3.67 A @ 5 V (18.35 W)
Power Consumption
(Max, test in HCT)
PCM-9588F-S0A1E: 3.76 A @ 5 V (18.8 W)
Power Management
APM, ACPI
Battery
Lithium 3 V / 196 mAh
Environment
Operating
0 ~ 60° C (32 ~ 140° F) (Operating humidity: 40° C @ 95% RH non-condensing)
Non-Operating
-40° C ~ 85° C and 60° C @ 95% RH non-condensing
Physical Characteristics
Dimensions (L x W)
203 x 146 mm (8" x 5.75")
Top side: The highest is PCI slot (15.4 mm), Bottom side: The highest is CF socket (9.5 mm)
Weight
0.7 kg (1.54 lb) (with heatsink)
Total Height
(with cooler + PCB + Bottom)
25.4mm
45.4mm (PCM-9588Z/Z2)
PCI
LVDS
TTL
CD in
Audio Ethernet
ATX/AT Power
VGA
System FAN
SATA0
SATA1
LPT
IDE
COM5, 6
16bit GPIO
COM1 ~ 4
USB4, 5
USB0/1
KB/MS
SIR
PC/104+
USB2/3
Intel 910GMLE
DVI
Monitoring
Software APIs:
Utilities:
GPIO
Watchdog
H/W Monitor
Backlight On/Off
CPU Speed System Throttling
SMBus
Brightness
BIOS Flash
All product specifications are subject to change without notice
Last updated : 11-Jun-2012


Similar Part No. - PCM-9588L-M0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9588L-M0A1E ADVANTECH-PCM-9588L-M0A1E Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M EBX SBC with DVI/ TTL/VGA/ LVDS/ LAN/ 6 COM/ 2 SATA/ 6 USB2.0
24-Nov-2009
More results

Similar Description - PCM-9588L-M0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9588 ADVANTECH-PCM-9588 Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M EBX SBC with DVI/ TTL/VGA/ LVDS/ LAN/ 6 COM/ 2 SATA/ 6 USB2.0
24-Nov-2009
PCM-9587 ADVANTECH-PCM-9587 Datasheet
366Kb / 2P
   Onboard Intel짰 Celeron짰 M CPU on board EBX SBC with LAN/ LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104-Plus
08-Sep-2009
PCM-4373 ADVANTECH-PCM-4373_12 Datasheet
1Mb / 2P
   AMD LX800 EPIC SBC with LVDS, TTL, VGA, Dual Ethernet, 6 COM, 2 SATA, PC/104-Plus
PCM-9582 ADVANTECH-PCM-9582 Datasheet
403Kb / 2P
   Onboard Intel짰 Pentium짰 M EBX SBC with LAN/LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104
PCM-3362 ADVANTECH-PCM-3362_15 Datasheet
702Kb / 2P
   Intel짰 Atom??N450 PC/104-Plus SBC, VGA,LVDS, Ethernet, USB, COM, SATA, Onboard Flash
PCM-3353 ADVANTECH-PCM-3353_15 Datasheet
738Kb / 2P
   AMD LX800/LX600 PC/104-Plus SBC, VGA,LVDS, TTL, Ethernet, USB, COM, CF
PCM-3365N-S8A1E ADVANTECH-PCM-3365N-S8A1E Datasheet
907Kb / 2P
   Intel짰 Atom??E3825 / E3845 & Celeron짰 N2930, PC/104-Plus SBC, ISA, VGA, HDMI/DVI, LVDS, 6 USB, mSATA or Onboard Flash
PCM-9584 ADVANTECH-PCM-9584_12 Datasheet
1Mb / 2P
   Intel짰 Pentium짰 M Processor EBX SBC with Audio, VGA, 2 LVDS (36-bit, 48- bit), 2 GbE LAN, PC/104-Plus
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
PCM-3363 ADVANTECH-PCM-3363 Datasheet
718Kb / 2P
   Intel짰 Atom??N455/D525 PCI-104,SBC, VGA, LVDS, Ethernet, USB,COM, SATA, Onboard Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com