Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9562Z2-1GS6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9562Z2-1GS6A1E
Description  Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9562Z2-1GS6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9562Z2-1GS6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9562Z2-1GS6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
Ordering Information
Model
CPU
Memory
VGA
LVDS
GbE1
GbE2
GbE3
UL60601
HD
Audio
USB
2.0
Watchdog
Timer
RS-232
RS-422/
485
PC/104-
Plus
Mini
PCIe
CF Power
Thermal Operating
Temperature
PCM-9562N-S6A1E
Atom N450 SODIMM
1
18-bit
1
1
-
Yes
8
1
3
2
Yes
1
1
AT/ATX
Passive
0 ~ 60° C
PCM-9562D-S6A1E
Atom D510 SODIMM
1
18-bit
1
1
-
Yes
8
1
3
2
Yes
1
1
AT/ATX
Active
0 ~ 60° C
PCM-9562NF-S6A1E
Atom N450 SODIMM
1
18-bit
1
1
1
Yes
8
2
3+1
2
Yes
1
1
AT/ATX
Passive
0 ~ 60° C
PCM-9562DF-S6A1E
Atom D510 SODIMM
1
18-bit
1
1
1
Yes
8
2
3+1
2
Yes
1
1
AT/ATX
Active
0 ~ 60° C
PCM-9562NZ-1GS6A1E Atom N450 Bundle 1GB 1
18-bit
1
1
Optional
Yes
8
1
3
2
Yes
1
1
AT/ATX
Passive
-20 ~ 80° C
PCM-9562Z2-1GS6A1E
Atom N450 Bundle 1GB 1
18-bit
1
1
Optional
Yes
8
1
3
2
Yes
1
1
AT/ATX
Passive
-40 ~ 85° C
* Passive = fanless; Active = with fan
* PCM-9562NF-S6A1E and PCM-9562DF-S6A1E are designed with UL60601 isolation GbE3, COM6, and Watchdog Timer2
* Both COM6 and GbE3 are optional by request for extended temperature products
PCM-9562
Optional Accessories
Part No.
Description
PCM-10586-9562E
Wiring kit for PCM-9562
1703100260
USB cable
CF-HDD-ADP
CompactFlash 50-pin to IDE 44-pin adapter
170304015K
AT cable 4P x 2/4200-H-4P 15 cm
1960049954N001
Heatspreader 157.4 x 100 x 24 mm
1700001531
LPT to FDD cable
Embedded OS/API
Embedded OS/API
Part No.
Description
Win XPE
2070009030
XPE WES2009 V4.0 ENG
2070009031
XPE WES2009 V4.0 MUI24
WES 7
2070009835
Image WES7E V5.0 ENG
QNX
6.5
Software API
205E956000
SUSI 3.0 SW API for PCM-9562
B:20091009 XP
Packing List
Part No.
Description
Quantity
PCM-9562 SBC
1
9689000002
Mini Jumper Pack
1
2006956200
Startup Manual
1
2066956200
Utility CD
1
1700015741
ATX 5VSB cable
1
1960020569S000
Heatsink for PCM-9562N/NF
(50 x 50 x 10 mm)
1
1960046526N001
Cooler for PCM-9562D/DF (50 x 50 x 24 mm)
1
1960002379
Heatsink for PCM-9562NZ/Z2
(50 x 50 x 30 mm)
1
Intel N450/ D510
Processor
SATAII x 3
DDR2
SODIMM x 1
DMI x 4 (Up to 1GB/S)
DDR2 667
18 bit LVDS
VGA
Intel ICH8M
LVDS
ALC888
HD
Compact Flash
(Type-II)
IDE
GPIO IC
16-bit
GPIO
LPC Super I/O
(SCH3106)
SIR
(Share from COM2)
LPT Port / FDD
PS2 Keyboard/Mouse
COM4/5
(RS422/485)
LPC
GLCI
Intel 82583V
PCIe x 1
GbE1
GbE2
FAN1
PCIe x 1
Mini PCIe
BIOS
Intel 82583V
PCIe x 1
GbE3 (Full version)
FAN2
I2C
I2C
COM1/2/3
(RS-232)
COM6 (RS-232)
(Full version)
Isolator
Isolator
Intel 82567V
Watchdog Timer
MAXIM6369 (for IWD)
PCI-104
PC/104
PCI Bus
PCI to ISA bridge
ISA Bus
PCI Slot
USB 2.0
USB 2.0 x 8
SMBUS
SATA
SPI
SMB
SMB


Similar Part No. - PCM-9562Z2-1GS6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9562Z2-1GS6A1E ADVANTECH-PCM-9562Z2-1GS6A1E Datasheet
752Kb / 2P
   Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
More results

Similar Description - PCM-9562Z2-1GS6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9562 ADVANTECH-PCM-9562_15 Datasheet
752Kb / 2P
   Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
PCM-9562 ADVANTECH-PCM-9562 Datasheet
935Kb / 2P
   Intel짰 Atom N450/D510 EBX SBC with 3 LAN, 6 COM, 3 SATA, 8 USB2.0, UL60601 Isolation design, PC/104-Plus
20-Jan-2010
ARK-3360F ADVANTECH-ARK-3360F_15 Datasheet
776Kb / 2P
   Intel Atom N450/D510 with 3 GbE, Isolated COM
PCI-7031D-S6A1E ADVANTECH-PCI-7031D-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
PCI-7031DF-S6A1E ADVANTECH-PCI-7031DF-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
PCI-7031 ADVANTECH-PCI-7031_12 Datasheet
2Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
PCI-7031 ADVANTECH-PCI-7031_V01 Datasheet
574Kb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
9-Apr-2018
PCI-7031 ADVANTECH-PCI-7031 Datasheet
858Kb / 2P
   Intel짰 Atom N450/D510, PCI Half-Sized SBC with On-board DDR2/VGA/LVDS/Dual GbE/SATA/COM
20-Jan-2010
ARK-3360F ADVANTECH-ARK-3360F_14 Datasheet
602Kb / 2P
   Intel짰 Atom??N450/D510 with 3 GbE, Isolated COM & wide range power Fanless Box PC
PCM-9362 ADVANTECH-PCM-9362_12 Datasheet
1Mb / 2P
   Intel짰 Atom??N450/ D510 3.5" SBC, LVDS, VGA, 2 GbE, Mini PCIe, 4 COM , MIO-160 Expansion
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com